Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL10790EJ01V0DS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PL10790EJ01V0DS
Description  1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PL10790EJ01V0DS Datasheet(HTML) 3 Page - Renesas Technology Corp

  PL10790EJ01V0DS Datasheet HTML 1Page - Renesas Technology Corp PL10790EJ01V0DS Datasheet HTML 2Page - Renesas Technology Corp PL10790EJ01V0DS Datasheet HTML 3Page - Renesas Technology Corp PL10790EJ01V0DS Datasheet HTML 4Page - Renesas Technology Corp PL10790EJ01V0DS Datasheet HTML 5Page - Renesas Technology Corp PL10790EJ01V0DS Datasheet HTML 6Page - Renesas Technology Corp PL10790EJ01V0DS Datasheet HTML 7Page - Renesas Technology Corp PL10790EJ01V0DS Datasheet HTML 8Page - Renesas Technology Corp PL10790EJ01V0DS Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
LASER DIODE
NX8316XC
1 310 nm FOR LONG HAUL 2.5 Gb/s
InGaAsP MQW-DFB LASER DIODE TOSA
Document No. PL10790EJ01V0DS (1st edition)
Date Published March 2010 NS
Printed in Japan
2010
DESCRIPTION
The NX8316XC is a 1 310 nm Multiple Quantum Well (MQW) structured
Distributed Feed-Back (DFB) laser diode TOSA (transmitter optical sub-
assembly) with InGaAs monitor PIN-PD in a receptacle type package
designed for SFF/SFP transceiver with LC duplex receptacle.
APPLICATION
• STM-16 (S-16.1), SONET OC-48 (IR-1)
FEATURES
• Internal optical isolator
• Optical output power
Pf = 1.0 mW
• Low threshold current
lth = 10 mA TYP. @ TC = 25
°C
• Wide operating temperature range
TC =
−40 to +85°C
• InGaAs monitor PIN-PD


Similar Part No. - PL10790EJ01V0DS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PL10702EJ03V0DS RENESAS-PL10702EJ03V0DS Datasheet
206Kb / 10P
   ? 80 關m InGaAs AVALANCHE PHOTO DIODE MODULE FOR OTDR APPLICATIONS
PL10724EJ01V0DS RENESAS-PL10724EJ01V0DS Datasheet
201Kb / 9P
   ? 30 關m InGaAs AVALANCHE PHOTO DIODE 14-PIN DIP MODULE WITH TEC
PL10757EJ01V0DS RENESAS-PL10757EJ01V0DS Datasheet
216Kb / 10P
   1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MMF FOR OTDR APPLICATION
PL10789EJ01V0DS RENESAS-PL10789EJ01V0DS Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
More results

Similar Description - PL10790EJ01V0DS

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8315XC CEL-NX8315XC Datasheet
194Kb / 6P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
Renesas Technology Corp
NX8316XC RENESAS-NX8316XC Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX8313UD RENESAS-NX8313UD_15 Datasheet
212Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX8316XC RENESAS-NX8316XC_15 Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
California Eastern Labs
NX8313UD CEL-NX8313UD Datasheet
315Kb / 8P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
Renesas Technology Corp
PL10789EJ01V0DS RENESAS-PL10789EJ01V0DS Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX8315XC RENESAS-NX8315XC Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
California Eastern Labs
NX8316XC CEL-NX8316XC Datasheet
195Kb / 6P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
Renesas Technology Corp
NX8315XC RENESAS-NX8315XC_15 Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX8511UD RENESAS-NX8511UD_15 Datasheet
208Kb / 9P
   1 550 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com