Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF840LCS Datasheet(PDF) 8 Page - International Rectifier

Part # IRF840LCS
Description  Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF840LCS Datasheet(HTML) 8 Page - International Rectifier

Back Button IRF840LCS Datasheet HTML 2Page - International Rectifier IRF840LCS Datasheet HTML 3Page - International Rectifier IRF840LCS Datasheet HTML 4Page - International Rectifier IRF840LCS Datasheet HTML 5Page - International Rectifier IRF840LCS Datasheet HTML 6Page - International Rectifier IRF840LCS Datasheet HTML 7Page - International Rectifier IRF840LCS Datasheet HTML 8Page - International Rectifier IRF840LCS Datasheet HTML 9Page - International Rectifier IRF840LCS Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IRF840LCS/LCL
8
www.irf.com
D2Pak Package Outline
D2Pak Part Marking Information
10.16 (.400)
RE F .
6.47 (.2 55 )
6.18 (.2 43 )
2.61 (.1 03 )
2.32 (.0 91 )
8.89 (.350)
R E F .
- B -
1.3 2 (.05 2)
1.2 2 (.04 8)
2.7 9 (.110 )
2.2 9 (.090 )
1.39 (.055)
1.14 (.045)
5 .28 (.20 8)
4 .78 (.18 8)
4.69 (.1 85)
4.20 (.1 65)
10.54 (.415)
10.29 (.405)
- A -
2
1
3
15 .4 9 (.6 10)
14 .7 3 (.5 80)
3X
0.93 (.037)
0.69 (.027)
5 .08 (.20 0)
3X
1.40 (.0 55)
1.14 (.0 45)
1.7 8 (.07 0)
1.2 7 (.05 0)
1.4 0 (.055 )
M AX.
NO TE S:
1 DIM ENS IO NS A F T ER SO L D ER DIP.
2 DIM ENS IO NING & T O LE RA NCING PE R A N S I Y1 4.5M , 198 2.
3 CO NT RO L LIN G DIM ENSIO N : INCH.
4 HE AT SINK & L EA D DIM ENS IO NS DO NO T INCLUDE B URRS.
0.5 5 (.022 )
0.4 6 (.018 )
0 .25 (.01 0 )
M
B A M
M INIM U M RE CO M M E NDE D F O O TP R IN T
11.43 (.450)
8.89 (.3 50 )
17 .78 (.70 0)
3.81 (.15 0)
2 .08 (.08 2)
2X
LEAD ASSIG N M E N TS
1 - G A TE
2 - D R AIN
3 - S O U RC E
2.5 4 (.100 )
2 X
PAR T N U M B ER
IN TE RN ATIO NA L
RE CT IF IE R
L O G O
D A T E CO DE
(Y YW W )
YY = YEAR
WW = WE E K
A S SEM BL Y
L O T
C O D E
F530 S
9 B
1 M
9246
A


Similar Part No. - IRF840LCS

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
IRF840LCS TEL-IRF840LCS Datasheet
156Kb / 2P
   Power MOSFET
logo
Vishay Siliconix
IRF840LCS VISHAY-IRF840LCS Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 02-Jun-08
IRF840LCS VISHAY-IRF840LCS Datasheet
175Kb / 9P
   Power MOSFET
Rev. C, 30-May-11
IRF840LCS VISHAY-IRF840LCS Datasheet
231Kb / 10P
   Power MOSFET
01-Jan-2022
IRF840LCSPBF VISHAY-IRF840LCSPBF Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 02-Jun-08
More results

Similar Description - IRF840LCS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF840 IRF-IRF840 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF840S IRF-IRF840S Datasheet
172Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRC840 IRF-IRC840 Datasheet
220Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF840A IRF-IRF840A Datasheet
89Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
IRF840AS IRF-IRF840AS Datasheet
129Kb / 10P
   Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
IRF440 IRF-IRF440 Datasheet
142Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRFP440 IRF-IRFP440 Datasheet
164Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.8A)
IRFI840G IRF-IRFI840G Datasheet
169Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=4.6A)
IRFI840GLC IRF-IRFI840GLC Datasheet
225Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=4.5A)
IRFN440 IRF-IRFN440 Datasheet
213Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=0.85ohm, Id=8.0A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com