Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDSD0412 Datasheet(PDF) 1 Page - TOKO, Inc

Part # FDSD0412
Description  Metal Alloy Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

FDSD0412 Datasheet(HTML) 1 Page - TOKO, Inc

  FDSD0412 Datasheet HTML 1Page - TOKO, Inc FDSD0412 Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FDSD0412 / FDSD0415 / FDSD0420
Inductance Range: 0.33~4.7
H (FDSD0412), 0.22~4.7H (FDSD0415),
0.47~10
H (FDSD0420)
Tolerance:±0.3
(Unit: mm)
(Unit: mm)
*: FDSD0412 : 1.2mm Max
FDSD0415:1.5mm Max.
FDSD0420:2.0mm Max.
FEATURES
特長
 4.0  4.0mm square and 1.2/ 1.5 /2.0mm Max. height.
 Magnetically shielded construction, low DC resistance.
 The use of magnetic iron powder ensure capability for
large current.
 Low audible core noise.
 Ideal for DC-DC converter applications
 RoHS compliant. Halogen Free.
 4.0  4.0mm 角、高さ1.2/ 1.5/2.0mm Max.
 閉磁路構造、低直流抵抗
 磁性材に鉄系磁性粉を用いた大電流対応
 低コア鳴きノイズ
 DC-DCコンバータ用インダクタに最適
 RoHS指令対応, ハロゲンフリー
TOKO STANDARD PART NUMBERS
東光 標準品一覧
TYPE FDSD0412 (Quantity/reel; 4,000 PCS)
東光品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(4)
TOKO
Part
Number
Inductance
(1)
(
H)
Tolerance
(%)
DC
Resistance
(2)
(m
) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=30%
Temperature
Rise Current
(4)
T=40C
(A) Max. (Typ.)
FDSD0412-H-R33M
0.33
 20
19 (16)
7.5 (10)
6.4 (7.5)
FDSD0412-H-R47M
0.47
 20
23 (19)
6.5 (8.6)
6.0 (7.0)
FDSD0412-H-1R0M
1.0
 20
44 (37)
4.7 (6.2)
4.3 (5.0)
FDSD0412-H-1R2M
1.2
 20
48 (40)
4.5 (6.0)
3.7 (4.3)
FDSD0412-H-1R5M
1.5
 20
64 (53)
4.1 (5.5)
3.3 (3.8)
FDSD0412-H-2R2M
2.2
 20
84 (70)
3.5 (4.7)
2.8 (3.3)
FDSD0412-H-3R3M
3.3
 20
122 (102)
2.8 (3.8)
2.2 (2.6)
FDSD0412-H-4R7M
4.7
 20
161 (136)
2.5 (3.3)
1.9 (2.2)
TYPE FDSD0415 (Quantity/reel; 4,000 PCS)
東光品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(4)
TOKO
Part
Number
Inductance
(1)
(
H)
Tolerance
(%)
DC
Resistance
(2)
(m
) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=30%
Temperature
Rise Current
(4)
T=40C
(A) Max. (Typ.)
FDSD0415-H-R22M
0.22
 20
14 (11)
12 (16)
7.7 (9.0)
FDSD0415-H-R47M
0.47
 20
18 (15)
9.0 (12)
6.1 (7.2)
FDSD0415-H-1R0M
1.0
 20
41 (34)
5.3 (7.1)
4.5 (5.3)
FDSD0415-H-1R5M
1.5
 20
47 (39)
5.0 (6.6)
3.7 (4.3)
FDSD0415-H-2R2M
2.2
 20
65 (54)
4.1 (5.4)
3.1 (3.6)
FDSD0415-H-3R3M
3.3
 20
95 (79)
3.4 (4.5)
2.6 (3.1)
FDSD0415-H-4R7M
4.7
 20
120 (100)
2.9 (3.9)
2.1 (2.5)
continued on next page
次頁へ続く
L
L
L
L
Recommended patterns
推奨パターン図
Metal Alloy Inductors
メタルアロイ
®インダクタ


Similar Part No. - FDSD0412

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
FDSD0412-H-1R0M TOKO-FDSD0412-H-1R0M Datasheet
259Kb / 1P
   Metal Alloy Inductors
logo
Murata Manufacturing Co...
FDSD0412-H-1R0M MURATA-FDSD0412-H-1R0M Datasheet
977Kb / 2P
   Inductor
logo
TOKO, Inc
FDSD0412-H-1R2M TOKO-FDSD0412-H-1R2M Datasheet
259Kb / 1P
   Metal Alloy Inductors
logo
Murata Manufacturing Co...
FDSD0412-H-1R2M MURATA-FDSD0412-H-1R2M Datasheet
977Kb / 2P
   Inductor
logo
TOKO, Inc
FDSD0412-H-1R5M TOKO-FDSD0412-H-1R5M Datasheet
259Kb / 1P
   Metal Alloy Inductors
More results

Similar Description - FDSD0412

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DFE201612C TOKO-DFE201612C Datasheet
76Kb / 1P
   Metal Alloy Inductors
DFE252010P TOKO-DFE252010P Datasheet
186Kb / 1P
   Metal Alloy Inductors
FCUL1040 TOKO-FCUL1040 Datasheet
106Kb / 1P
   Metal Alloy Inductors
FDSD0312 TOKO-FDSD0312 Datasheet
105Kb / 1P
   Metal Alloy Inductors
FDSD0630 TOKO-FDSD0630 Datasheet
106Kb / 1P
   Metal Alloy Inductors
FDU1040D TOKO-FDU1040D Datasheet
117Kb / 1P
   Metal Alloy Inductors
DFE201210U TOKO-DFE201210U_16 Datasheet
210Kb / 1P
   Metal Alloy Inductors
FDA1254 TOKO-FDA1254_16 Datasheet
236Kb / 1P
   Metal Alloy Inductors
FCUL0624 TOKO-FCUL0624_16 Datasheet
237Kb / 1P
   Metal Alloy Inductors
DFE201610P TOKO-DFE201610P_16 Datasheet
221Kb / 1P
   Metal Alloy Inductors
DFE252010P TOKO-DFE252010P_16 Datasheet
225Kb / 1P
   Metal Alloy Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com