Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO3401 Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part # AO3401
Description  P-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

AO3401 Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  AO3401 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. AO3401 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. AO3401 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. AO3401 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0.00
5.00
10.00
15.00
20.00
25.00
0.00
1.00
2.00
3.00
4.00
5.00
-VDS (Volts)
Fig 1: On-Region Characteristics
VGS=-2V
-2.5V
-3V
-4.5V
-10V
0
2
4
6
8
10
0
0.5
1
1.5
2
2.5
3
-VGS(Volts)
Figure 2: Transfer Characteristics
20
40
60
80
100
120
0.00
2.00
4.00
6.00
8.00
10.00
-ID (A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-VSD (Volts)
Figure 6: Body-Diode Characteristics
25°C
125°C
0.8
1
1.2
1.4
1.6
1.8
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction
Temperature
VGS=-2.5V
ID=-3.5A, VGS=-10V
ID=-3.5A, VGS=-4.5V
10
30
50
70
90
110
130
150
170
190
024
68
10
-VGS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
25°C
125°C
VDS=-5V
VGS=-2.5V
VGS=-4.5V
VGS=-10V
ID=-2A
25°C
125°C
ID=-1A
2014-5-24
3
www.kersemi.com
KSM3401


Similar Part No. - AO3401

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO3401 AOSMD-AO3401 Datasheet
181Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Shenzhen Jin Yu Semicon...
AO3401 HTSEMI-AO3401 Datasheet
1Mb / 3P
   30V P-Channel Enhancement Mode MOSFET
logo
Alpha & Omega Semicondu...
AO3401 AOSMD-AO3401 Datasheet
503Kb / 5P
   30V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO3401 KEXIN-AO3401 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
logo
ZP Semiconductor
AO3401 ZPSEMI-AO3401 Datasheet
356Kb / 5P
   P-Channel Enhancement Mode MOSFET
More results

Similar Description - AO3401

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com