Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF9Z34NS Datasheet(PDF) 10 Page - Kersemi Electronic Co., Ltd.

Part # IRF9Z34NS
Description  Advanced Process Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF9Z34NS Datasheet(HTML) 10 Page - Kersemi Electronic Co., Ltd.

Back Button IRF9Z34NS Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF9Z34NS Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF9Z34NS Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF9Z34NS Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF9Z34NS Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF9Z34NS Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF9Z34NS Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRF9Z34NS Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRF9Z34NS Datasheet HTML 10Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Tape & Reel Information
D2Pak
3
4
4
TR R
FE E D DIRE CTIO N
1.85 (.073)
1.65 (.065)
1.60 (.063)
1.50 (.059)
4.10 (.161)
3.90 (.153)
TR L
F E E D DIRE CTIO N
10. 90 (.429)
10. 70 (.421)
16. 10 (.634)
15. 90 (.626)
1. 75 (.0 69 )
1. 25 (.0 49 )
11 .6 0 (. 45 7 )
11 .4 0 (. 44 9 )
15 .4 2 (.60 9 )
15 .2 2 (.60 1 )
4.72 (.136)
4.52 (.178)
24.30 (.957)
23.90 (.941)
0.368 (.0145)
0.342 (.0135)
1.60 (.063)
1.50 (.059)
1 3.5 0 (. 532 )
1 2.8 0 (. 504 )
33 0.0 0
(14. 17 3)
M AX .
2 7.4 0 (1 .079 )
2 3.9 0 (.9 41)
6 0.0 0 (2 .36 2)
M IN .
3 0.4 0 (1 .19 7)
M A X .
26 .40 (1. 03 9)
24 .40 (.961)
NO T ES :
1. C O M F O R M S T O EIA -418 .
2. CO NTRO LLIN G DIM EN SIO N : M ILLIM E TER .
3. DIM E NS IO N M EA S URE D @ HUB .
4. IN C LU D ES F L AN GE D IST OR T ION @ OU T E R ED GE.
IRF9Z34NS/L
2014-8-30
10
www.kersemi.com


Similar Part No. - IRF9Z34NS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9Z34NS IRF-IRF9Z34NS Datasheet
162Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRF9Z34NS IRF-IRF9Z34NS Datasheet
172Kb / 11P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRF9Z34NS ISC-IRF9Z34NS Datasheet
298Kb / 2P
   isc P-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
IRF9Z34NS VBSEMI-IRF9Z34NS Datasheet
931Kb / 7P
   P-Channel 60 V (D-S) MOSFET
logo
International Rectifier
IRF9Z34NSL IRF-IRF9Z34NSL Datasheet
172Kb / 11P
   Advanced Process Technology
More results

Similar Description - IRF9Z34NS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com