Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLU9343 Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # IRLU9343
Description  Advanced Process Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRLU9343 Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  IRLU9343 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRLU9343 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRLU9343 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRLU9343 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRLU9343 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRLU9343 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRLU9343 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRLU9343 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRLU9343 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
l Advanced Process Technology
l Key Parameters Optimized for Class-D Audio
Amplifier Applications
l Low RDSON for Improved Efficiency
l Low Qg and Qsw for Better THD and Improved
Efficiency
l Low Qrr for Better THD and Lower EMI
l 175°C Operating Junction Temperature for
Ruggedness
l Repetitive Avalanche Capability for Robustness and
Reliability
l Multiple Package Options
S
D
G
VDS
-55
V
RDS(ON) typ. @ VGS = -10V
93
m
:
RDS(ON) typ. @ VGS = -4.5V
150
m
:
Qg typ.
31
nC
TJ max
175
°C
Key Parameters
IRLR9343
IRLU9343
IRLU9343-701
D-Pak
IRLR9343
I-Pak
IRLU9343
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ -10V
A
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TC = 25°C
Power Dissipation
W
PD @TC = 100°C
Power Dissipation
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Clamping Pressure
h
N
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
g
–––
1.9
RθJA
Junction-to-Ambient (PCB Mounted)
gj
–––
50
°C/W
RθJA
Junction-to-Ambient (free air)
g
–––
110
Max.
-14
-60
±20
-55
-20
-40 to + 175
–––
79
39
0.53
2014-8-16
1
www.kersemi.com


Similar Part No. - IRLU9343

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLU9343 IRF-IRLU9343 Datasheet
245Kb / 10P
   DIGITAL AUDIO MOSFET
logo
Inchange Semiconductor ...
IRLU9343 ISC-IRLU9343 Datasheet
304Kb / 2P
   isc P-Channel MOSFET Transistor
logo
International Rectifier
IRLU9343-701 IRF-IRLU9343-701 Datasheet
245Kb / 10P
   DIGITAL AUDIO MOSFET
IRLU9343-701PBF IRF-IRLU9343-701PBF Datasheet
299Kb / 10P
   DIGITAL AUDIO MOSFET
IRLU9343PBF IRF-IRLU9343PBF Datasheet
299Kb / 10P
   DIGITAL AUDIO MOSFET
More results

Similar Description - IRLU9343

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com