Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF9Z34L Datasheet(PDF) 7 Page - International Rectifier

Part # IRF9Z34L
Description  Power MOSFET(Vdss=-60V, Rds(on)=0.14ohm, Id=-18A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9Z34L Datasheet(HTML) 7 Page - International Rectifier

Back Button IRF9Z34L Datasheet HTML 2Page - International Rectifier IRF9Z34L Datasheet HTML 3Page - International Rectifier IRF9Z34L Datasheet HTML 4Page - International Rectifier IRF9Z34L Datasheet HTML 5Page - International Rectifier IRF9Z34L Datasheet HTML 6Page - International Rectifier IRF9Z34L Datasheet HTML 7Page - International Rectifier IRF9Z34L Datasheet HTML 8Page - International Rectifier IRF9Z34L Datasheet HTML 9Page - International Rectifier IRF9Z34L Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRF9Z34S/L
Peak Diode Recovery dv/dt Test Circuit
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
+
-
+
+
+
-
-
-
ƒ
„
‚
RG
VDD
• dv/dt controlled by R
G
• I
SD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T
*
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer

* Reverse Polarity of D.U.T for P-Channel
VGS
[
]
[
]
*** VGS = 5.0V for Logic Level and 3V Drive Devices
[
] ***
Fig 14. For P-Channel HEXFETS


Similar Part No. - IRF9Z34L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF9Z34L VISHAY-IRF9Z34L Datasheet
2Mb / 8P
   Power MOSFET
Rev. A, 03-Jun-08
logo
International Rectifier
IRF9Z34LPBF IRF-IRF9Z34LPBF Datasheet
1Mb / 10P
   Surface Mount
logo
Vishay Siliconix
IRF9Z34LPBF VISHAY-IRF9Z34LPBF Datasheet
2Mb / 8P
   Power MOSFET
Rev. A, 03-Jun-08
More results

Similar Description - IRF9Z34L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP254 IRF-IRFP254 Datasheet
162Kb / 6P
   Power MOSFET(Vdss = 250 V, Rds(on)=0.14ohm, Id=23A)
IRC640 IRF-IRC640 Datasheet
228Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
IRF640N IRF-IRF640N Datasheet
155Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)=0.15ohm, Id=18A)
IRFRU5505 IRF-IRFRU5505 Datasheet
108Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A)
IRF640S IRF-IRF640S Datasheet
228Kb / 10P
   Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
IRF640 IRF-IRF640 Datasheet
178Kb / 6P
   Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
IRFD9014 IRF-IRFD9014 Datasheet
177Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.1A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
IRFZ44VZ IRF-IRFZ44VZ Datasheet
298Kb / 12P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
IRFD9024 IRF-IRFD9024 Datasheet
178Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-1.6A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com