Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2805A-1 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PS2805A-1
Description  HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2805A-1 Datasheet(HTML) 4 Page - Renesas Technology Corp

  PS2805A-1 Datasheet HTML 1Page - Renesas Technology Corp PS2805A-1 Datasheet HTML 2Page - Renesas Technology Corp PS2805A-1 Datasheet HTML 3Page - Renesas Technology Corp PS2805A-1 Datasheet HTML 4Page - Renesas Technology Corp PS2805A-1 Datasheet HTML 5Page - Renesas Technology Corp PS2805A-1 Datasheet HTML 6Page - Renesas Technology Corp PS2805A-1 Datasheet HTML 7Page - Renesas Technology Corp PS2805A-1 Datasheet HTML 8Page - Renesas Technology Corp PS2805A-1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PACKAGE DIMENSIONS (UNIT: mm)
M
0.12
0.4±0.1
1.27
PS2805A-1
PS2805A-4
4.4
7.0±0.3
0.5±0.3
4.4
7.0±0.3
0.5±0.3
1.27
M
0.12
0.40
+0.10
–0.05
2.7±0.3
4
3
1
2
10.3±0.3
16
9
1
8
MARKING EXAMPLE
5A
301
Assembly Lot
3 01
Week Assembled
Year Assembled
(Last 1 Digit)
Last number of type No. : 5A
PS2805A-1
Country Assembled
Assembly Lot
No. 1 pin
Mark
PS2805A-4
PS2805A-4
NL301
*1
3 01
Year Assembled
(Last 1 Digit)
L
N
Rank Code
In-house Code
(L: Pb-Free)
Week Assembled
*1
: Pb-Free
Data Sheet PN10399EJ03V0DS
2
PS2805A-1,PS2805A-4


Similar Part No. - PS2805A-1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2805A-1 CEL-PS2805A-1 Datasheet
367Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
PS2805A-1-A CEL-PS2805A-1-A Datasheet
367Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
PS2805A-1-F3 CEL-PS2805A-1-F3 Datasheet
367Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
PS2805A-1-F3-A CEL-PS2805A-1-F3-A Datasheet
367Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
PS2805A-1-F4 CEL-PS2805A-1-F4 Datasheet
367Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
More results

Similar Description - PS2805A-1

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPS2805 COSMO-KPS2805_12 Datasheet
198Kb / 6P
   High Isolation Voltage AC Input Response Type SSOP Photocoupler
logo
Renesas Technology Corp
PS2805C-1 RENESAS-PS2805C-1_15 Datasheet
191Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPS2806 COSMO-KPS2806_12 Datasheet
160Kb / 5P
   High Isolation Voltage AC Input Response Type SSOP Photocoupler
logo
California Eastern Labs
PS2805A-1 CEL-PS2805A-1 Datasheet
367Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2805C-1 RENESAS-PS2805C-1 Datasheet
5Mb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
Oct 11, 2019
PS2805-1 RENESAS-PS2805-1 Datasheet
5Mb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
July 26, 2019
logo
California Eastern Labs
PS2805-4 CEL-PS2805-4 Datasheet
245Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2805C-1-A ETC2-PS2805C-1-A Datasheet
381Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPS2832 COSMO-KPS2832_12 Datasheet
196Kb / 6P
   High Isolation Voltage DC Input Response Type SSOP Photocoupler
KPS2801 COSMO-KPS2801_12 Datasheet
203Kb / 6P
   High Isolation Voltage DC Input Response Type SSOP Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com