Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2806-1-F4 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PS2806-1-F4
Description  HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2806-1-F4 Datasheet(HTML) 3 Page - Renesas Technology Corp

  PS2806-1-F4 Datasheet HTML 1Page - Renesas Technology Corp PS2806-1-F4 Datasheet HTML 2Page - Renesas Technology Corp PS2806-1-F4 Datasheet HTML 3Page - Renesas Technology Corp PS2806-1-F4 Datasheet HTML 4Page - Renesas Technology Corp PS2806-1-F4 Datasheet HTML 5Page - Renesas Technology Corp PS2806-1-F4 Datasheet HTML 6Page - Renesas Technology Corp PS2806-1-F4 Datasheet HTML 7Page - Renesas Technology Corp PS2806-1-F4 Datasheet HTML 8Page - Renesas Technology Corp PS2806-1-F4 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
PHOTOCOUPLER
PS2806-1,PS2806-4
HIGH ISOLATION VOLTAGE
AC INPUT, DARLINGTON TRANSISTOR TYPE
SSOP PHOTOCOUPLER
−NEPOC Series−
Document No. PN10254EJ02V0DS (2nd edition)
Date Published May 2006 NS CP(K)
Printed in Japan
1995, 2006
DESCRIPTION
The PS2806-1 and PS2806-4 are optically coupled isolators containing GaAs light emitting diodes and an NPN
silicon darlington connected phototransistor in a plastic SSOP for high density applications.
This package has shield effect to cut off ambient light.
FEATURES
• High isolation voltage (BV = 2 500 Vr.m.s.)
• Small and thin package (4,16-pin SSOP, Pin pitch 1.27 mm)
• AC input response
• High current transfer ratio (CTR = 2 000% TYP. @ IF =
±1 mA, VCE = 2 V)
• Ordering number of tape product: PS2806-1-F3, F4, PS2806-4-F3, F4
• Safety standards: PS2806-1, -4
UL approved: File No. E72422
BSI approved: No. 8188, 8189
CSA approved: No. CA 101391
DIN EN60747-5-2 (VDE0884 Part2) approved (Option)
APPLICATIONS
• Programmable logic controllers
• Measuring instruments
• Hybrid IC
<R>


Similar Part No. - PS2806-1-F4

ManufacturerPart #DatasheetDescription
logo
NEC
PS2806-1-F4 NEC-PS2806-1-F4 Datasheet
105Kb / 9P
   HIGH ISOLATION VOLTAGE AC INPUT DARLINGTON TRANSISTOR TYPE SOP OPTOCOUPLER
logo
California Eastern Labs
PS2806-1-F4 CEL-PS2806-1-F4 Datasheet
397Kb / 14P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
PS2806-1-F4-A CEL-PS2806-1-F4-A Datasheet
397Kb / 14P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
More results

Similar Description - PS2806-1-F4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2802-1 RENESAS-PS2802-1_15 Datasheet
262Kb / 16P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPS2805 COSMO-KPS2805_12 Datasheet
198Kb / 6P
   High Isolation Voltage AC Input Response Type SSOP Photocoupler
logo
Renesas Technology Corp
PS2805C-1 RENESAS-PS2805C-1_15 Datasheet
191Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
PS2805A-1 RENESAS-PS2805A-1_15 Datasheet
263Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2805A-1 CEL-PS2805A-1 Datasheet
367Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2805C-1 RENESAS-PS2805C-1 Datasheet
5Mb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
Oct 11, 2019
logo
COSMO Electronics Corp...
KPS2806 COSMO-KPS2806_12 Datasheet
160Kb / 5P
   High Isolation Voltage AC Input Response Type SSOP Photocoupler
logo
Renesas Technology Corp
PS2805-1 RENESAS-PS2805-1 Datasheet
5Mb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
July 26, 2019
logo
California Eastern Labs
PS2805-4 CEL-PS2805-4 Datasheet
245Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2805C-1-A ETC2-PS2805C-1-A Datasheet
381Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com