Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFB260N Datasheet(PDF) 4 Page - International Rectifier

Part # IRFB260N
Description  Power MOSFET(Vdss=200V, Rds(on)max=0.040ohm, Id=56A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB260N Datasheet(HTML) 4 Page - International Rectifier

  IRFB260N Datasheet HTML 1Page - International Rectifier IRFB260N Datasheet HTML 2Page - International Rectifier IRFB260N Datasheet HTML 3Page - International Rectifier IRFB260N Datasheet HTML 4Page - International Rectifier IRFB260N Datasheet HTML 5Page - International Rectifier IRFB260N Datasheet HTML 6Page - International Rectifier IRFB260N Datasheet HTML 7Page - International Rectifier IRFB260N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRFB260N
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
30
60
90
120
150
0
2
5
7
10
12
Q , Total Gate Charge (nC)
G

I
=
D
34A

V
= 40V
DS
V
= 100V
DS
V
= 160V
DS
0.0
0.5
1.0
1.5
2.0
VSD, Source-toDrain Voltage (V)
0.10
1.00
10.00
100.00
1000.00
TJ = 25°C
TJ = 175°C
VGS = 0V
1
10
100
1000
VDS , Drain-toSource Voltage (V)
1
10
100
1000
Tc = 25°C
Tj = 175°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100µsec
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
100000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd


Similar Part No. - IRFB260N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFB260N ISC-IRFB260N Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFB260NPBF IRF-IRFB260NPBF Datasheet
167Kb / 8P
   HEXFET Power MOSFET
IRFB260NPBF IRF-IRFB260NPBF Datasheet
175Kb / 9P
   High frequency DC-DC converters
IRFB260NPBF IRF-IRFB260NPBF_15 Datasheet
175Kb / 9P
   High frequency DC-DC converters
More results

Similar Description - IRFB260N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRCZ24 IRF-IRCZ24 Datasheet
145Kb / 6P
   Power MOSFET(Vdss=55V, Rds(on)=0.040ohm, Id=26A)
IRFZ34N IRF-IRFZ34N Datasheet
195Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.040ohm, Id=26A)
IRF5801 IRF-IRF5801 Datasheet
120Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=2.2ohm, Id=0.6A)
IRFR2405 IRF-IRFR2405 Datasheet
129Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=0.016ohm, Id=56A??
IRFB38N20D IRF-IRFB38N20D Datasheet
133Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)max=0.054ohm, Id=44A)
IRFBA90N20D IRF-IRFBA90N20D Datasheet
98Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.023ohm, Id=98A??
IRFR13N20D IRF-IRFR13N20D Datasheet
181Kb / 10P
   Power MOSFET(Vdss=200V, Rds(on)max=0.235ohm, Id=13A)
IRFB42N20D IRF-IRFB42N20D Datasheet
215Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.055ohm, Id=44A)
IRFB31N20D IRF-IRFB31N20D Datasheet
190Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)max=0.082ohm, Id=31A)
IRF7464 IRF-IRF7464 Datasheet
168Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.73ohm, Id=1.2A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com