Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS4148DSTL Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS4148DSTL
Description  Plastic-Encapsulated Switching Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS4148DSTL Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SCS4148DSTL_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS4148DSTL_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SCS4148DSTL
0.15A , 75V
Plastic-Encapsulated Switching Diode
Elektronische Bauelemente
21-Jul-2011 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameters
Symbol
Min.
Max.
Unit
Test Conditions
Forward Voltage
VF1
-
0.715
V
IF=1mA
VF2
-
0.855
V
IF=10mA
VF3
1
V
IF=50mA
VF4
1.25
V
IF=150mA
Maximum DC Reverse Current at rated
DC blocking voltage
IR1
-
1
µA
VR=75V
IR2
25
nA
VR=20V
Capacitance between terminals
CT
-
2
pF
VR=0, f=1MHz
Maximum Reverse Recovery Time
TRR
-
4
nS
IF=IR=10mA
CHARACTERISTIC CURVES


Similar Part No. - SCS4148DSTL_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS4148DSTL-C SECOS-SCS4148DSTL-C Datasheet
187Kb / 2P
   Plastic-Encapsulated Switching Diode
More results

Similar Description - SCS4148DSTL_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAL99 SECOS-BAL99 Datasheet
121Kb / 2P
   Plastic-Encapsulated Switching Diode
MMBD4448F SECOS-MMBD4448F Datasheet
225Kb / 2P
   Plastic-Encapsulated Switching Diode
SCS181K SECOS-SCS181K Datasheet
123Kb / 2P
   Plastic-Encapsulated Switching Diode
SCS187K SECOS-SCS187K Datasheet
123Kb / 2P
   Plastic-Encapsulated Switching Diode
MMBD4448Z SECOS-MMBD4448Z_15 Datasheet
320Kb / 2P
   Plastic-Encapsulated Switching Diode
SCS21DSTL SECOS-SCS21DSTL_15 Datasheet
201Kb / 2P
   Plastic-Encapsulated Switching Diode
SCS187K SECOS-SCS187K_15 Datasheet
123Kb / 2P
   Plastic-Encapsulated Switching Diode
SCS400J SECOS-SCS400J_15 Datasheet
284Kb / 2P
   Plastic-Encapsulated Switching Diode
SCS914DSTL SECOS-SCS914DSTL_15 Datasheet
138Kb / 2P
   Plastic-Encapsulated Switching Diode
SCS4448DSTL SECOS-SCS4448DSTL_15 Datasheet
319Kb / 2P
   Plastic-Encapsulated Switching Diode
MMBD4448F SECOS-MMBD4448F_15 Datasheet
225Kb / 2P
   Plastic-Encapsulated Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com