Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFB52N15 Datasheet(PDF) 8 Page - International Rectifier

Part # IRFB52N15
Description  Power MOSFET(Vdss=150V, Rds(on)max=0.032ohm, Id=50A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB52N15 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRFB52N15 Datasheet HTML 3Page - International Rectifier IRFB52N15 Datasheet HTML 4Page - International Rectifier IRFB52N15 Datasheet HTML 5Page - International Rectifier IRFB52N15 Datasheet HTML 6Page - International Rectifier IRFB52N15 Datasheet HTML 7Page - International Rectifier IRFB52N15 Datasheet HTML 8Page - International Rectifier IRFB52N15 Datasheet HTML 9Page - International Rectifier IRFB52N15 Datasheet HTML 10Page - International Rectifier IRFB52N15 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
IRFB/IRFS/IRFSL52N15D
8
www.irf.com
L E AD AS S IG N M E NT S
1 - G A T E
2 - D R A IN
3 - S O U R C E
4 - D R A IN
- B -
1.3 2 (.0 5 2 )
1.2 2 (.0 4 8 )
3X
0.55 (.0 2 2 )
0.46 (.0 1 8 )
2.9 2 ( .115 )
2.6 4 ( .104 )
4.6 9 ( .1 8 5 )
4.2 0 ( .1 6 5 )
3X
0.93 ( .0 3 7 )
0.69 ( .0 2 7 )
4.06 ( .160 )
3.55 ( .140 )
1.15 (.0 4 5 )
M IN
6.4 7 (.2 5 5 )
6.1 0 (.2 4 0 )
3.78 ( .149 )
3.54 ( .139 )
- A -
10.54 ( .415 )
10.29 ( .405 )
2.87 ( .1 1 3 )
2.62 ( .1 0 3 )
15 .2 4 (.6 0 0 )
14 .8 4 (.5 8 4 )
1 4 .09 ( .5 5 5 )
1 3 .47 ( .5 3 0 )
3X
1 .40 ( .0 5 5 )
1 .15 ( .0 4 5 )
2.5 4 (.1 0 0)
2X
0.3 6 ( .014 )
M
B
A
M
4
1
2
3
NO T E S :
1 D IM E N S IO N IN G & TO LE R A N C IN G P E R A N S I Y 1 4 .5 M , 1 982.
3 O U TL IN E C O N F O R M S TO J E D E C O U T L IN E T O -2 20A B .
2 C O N T R O L L IN G D IM E N S IO N : IN C H
4 H E A T S IN K & L E A D M E A S U R E M E N T S D O N O T IN C L UD E B URR S.
TO-220AB Part Marking Information
TO-220AB Package Outline
Dimensions are shown in millimeters (inches)
LOT CODE 1789
ASSEMBLED ON WW 19, 1997
IN THE ASSEMBLY LINE "C"
INTERNATIONAL
RECTIFIER
LOGO
ASSEMBLY
LOT CODE
PART NUMBER
DATE CODE
YEAR 7 = 1997
WEEK 19
LINE C
EXAMPLE:
THIS IS AN IRF1010


Similar Part No. - IRFB52N15

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFB52N15D ISC-IRFB52N15D Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFB52N15DPBF IRF-IRFB52N15DPBF Datasheet
345Kb / 12P
   HEXFET Power MOSFET
More results

Similar Description - IRFB52N15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB61N15D IRF-IRFB61N15D Datasheet
211Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)max=0.032ohm, Id=50A)
IRF3515S IRF-IRF3515S Datasheet
126Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRFB23N15D IRF-IRFB23N15D Datasheet
139Kb / 11P
   Power MOSFET(Vdss=150V, Rds(on)max=0.090ohm, Id=23A)
IRFB33N15D IRF-IRFB33N15D Datasheet
139Kb / 11P
   Power MOSFET(Vdss=150V, Rds(on)max=0.056ohm, Id=33A)
IRFB41N15D IRF-IRFB41N15D Datasheet
193Kb / 11P
   Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRF7451 IRF-IRF7451 Datasheet
209Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)max=0.09ohm, Id=3.6A)
IRFR13N15D IRF-IRFR13N15D Datasheet
128Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)max=0.18ohm, Id=14A)
IRF3315S IRF-IRF3315S Datasheet
197Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)=0.082ohm, Id=21A)
IRF3415 IRF-IRF3415 Datasheet
94Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)=0.042ohm, Id=43A)
IRFPS3815 IRF-IRFPS3815 Datasheet
101Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)=0.015ohm, Id=105A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com