Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFB52N15 Datasheet(PDF) 11 Page - International Rectifier

Part # IRFB52N15
Description  Power MOSFET(Vdss=150V, Rds(on)max=0.032ohm, Id=50A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB52N15 Datasheet(HTML) 11 Page - International Rectifier

Back Button IRFB52N15 Datasheet HTML 3Page - International Rectifier IRFB52N15 Datasheet HTML 4Page - International Rectifier IRFB52N15 Datasheet HTML 5Page - International Rectifier IRFB52N15 Datasheet HTML 6Page - International Rectifier IRFB52N15 Datasheet HTML 7Page - International Rectifier IRFB52N15 Datasheet HTML 8Page - International Rectifier IRFB52N15 Datasheet HTML 9Page - International Rectifier IRFB52N15 Datasheet HTML 10Page - International Rectifier IRFB52N15 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
IRFB/IRFS/IRFSL52N15D
www.irf.com
11
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Starting TJ = 25°C, L = 0.72mH
RG = 25Ω, IAS = 36A.
ƒ ISD ≤ 36A, di/dt ≤ 400A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C.
Notes:
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
† This is only applied to TO-220AB package.
D2Pak Tape & Reel Information
3
4
4
TR R
F EED D IRE CT IO N
1 .85 ( .0 73)
1 .65 ( .0 65)
1 .60 (.0 63)
1 .50 (.0 59)
4.10 ( .161)
3.90 ( .153)
TR L
F E ED DIR E CTIO N
10.90 (.429)
10.70 (.421)
16 .10 (.634)
15 .90 (.626)
1.75 (.069)
1.25 (.049)
11.60 (.457)
11.40 (.449)
15.42 (.609)
15.22 (.601)
4.72 (.136)
4.52 (.178)
24.30 (.957)
23.90 (.941)
0.368 (.0145)
0.342 (.0135)
1.60 (.063)
1.50 (.059)
13.50 (.532 )
12.80 (.504 )
330.00
( 14.173)
M AX.
2 7.4 0 (1.079 )
23.9 0 (.941)
60.0 0 (2.362)
M IN .
30.40 (1.197)
M A X.
26 .40 (1 .03 9)
24 .40 (.961)
NO TE S :
1 . CO M F OR M S TO EIA-418 .
2 . CO NTROL LIN G DIM E NSIO N: M IL LIM ET ER .
3 . DIM E NS IO N M EASURED @ HUB.
4 . INCLUDES FL AN GE DIST ORT ION @ O UT E R E D GE.
‡ This is applied to D2Pak, when mounted on 1" square PCB ( FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to application note #AN-994.
Data and specifications subject to change without notice.
This product has been designed and qualified for the Automotive [Q101] (IRFB52N15D),
& Industrial (IRFS/SL52N15D) market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.12/01


Similar Part No. - IRFB52N15

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFB52N15D ISC-IRFB52N15D Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFB52N15DPBF IRF-IRFB52N15DPBF Datasheet
345Kb / 12P
   HEXFET Power MOSFET
More results

Similar Description - IRFB52N15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB61N15D IRF-IRFB61N15D Datasheet
211Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)max=0.032ohm, Id=50A)
IRF3515S IRF-IRF3515S Datasheet
126Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRFB23N15D IRF-IRFB23N15D Datasheet
139Kb / 11P
   Power MOSFET(Vdss=150V, Rds(on)max=0.090ohm, Id=23A)
IRFB33N15D IRF-IRFB33N15D Datasheet
139Kb / 11P
   Power MOSFET(Vdss=150V, Rds(on)max=0.056ohm, Id=33A)
IRFB41N15D IRF-IRFB41N15D Datasheet
193Kb / 11P
   Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRF7451 IRF-IRF7451 Datasheet
209Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)max=0.09ohm, Id=3.6A)
IRFR13N15D IRF-IRFR13N15D Datasheet
128Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)max=0.18ohm, Id=14A)
IRF3315S IRF-IRF3315S Datasheet
197Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)=0.082ohm, Id=21A)
IRF3415 IRF-IRF3415 Datasheet
94Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)=0.042ohm, Id=43A)
IRFPS3815 IRF-IRFPS3815 Datasheet
101Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)=0.015ohm, Id=105A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com