Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFB9N60 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFB9N60
Description  Power MOSFET(Vdss=600V, Rds(on)=0.75ohm, Id=9.2A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB9N60 Datasheet(HTML) 1 Page - International Rectifier

  IRFB9N60 Datasheet HTML 1Page - International Rectifier IRFB9N60 Datasheet HTML 2Page - International Rectifier IRFB9N60 Datasheet HTML 3Page - International Rectifier IRFB9N60 Datasheet HTML 4Page - International Rectifier IRFB9N60 Datasheet HTML 5Page - International Rectifier IRFB9N60 Datasheet HTML 6Page - International Rectifier IRFB9N60 Datasheet HTML 7Page - International Rectifier IRFB9N60 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HEXFET® Power MOSFET
Third Generation HEXFETs from International Rectifier provide the designer
with the best combination of fast switching, ruggedized device design, low on-
resistance and cost-effectiveness.
The TO-220 package is universally preferred for all commercial-industrial
applications at power dissipation levels to approximately 50 watts. The low
thermal resistance and low package cost of the TO-220 contribute to its wide
acceptance throughout the industry.
S
D
G
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
9.2
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
5.8
A
IDM
Pulsed Drain Current

37
PD @TC = 25°C
Power Dissipation
170
W
Linear Derating Factor
1.3
W/°C
VGS
Gate-to-Source Voltage
± 30
V
EAS
Single Pulse Avalanche Energy
‚
290
mJ
IAR
Avalanche Current

9.2
A
EAR
Repetitive Avalanche Energy

17
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.75
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient
–––
62
Thermal Resistance
VDSS = 600V
RDS(on) = 0.75Ω
ID = 9.2A
l Dynamic dv/dt Rating
l Repetitive Avalanche Rated
l Fast Switching
l Ease of Paraleling
l Simple Drive Requirements
Description
10/7/98
www.irf.com
1
TO-220AB
IRFB9N60A
PD - 91811


Similar Part No. - IRFB9N60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFB9N60A VISHAY-IRFB9N60A Datasheet
302Kb / 9P
   Power MOSFET
Rev. D, 02-May-16
IRFB9N60A VISHAY-IRFB9N60A Datasheet
303Kb / 9P
   Power MOSFET
Rev. D, 02-May-16
logo
International Rectifier
IRFB9N60A IRF-IRFB9N60A Datasheet
331Kb / 21P
   IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
logo
Inchange Semiconductor ...
IRFB9N60A ISC-IRFB9N60A Datasheet
329Kb / 2P
   iscN-Channel MOSFET Transistor
logo
International Rectifier
IRFB9N60APBF IRF-IRFB9N60APBF Datasheet
160Kb / 9P
   HEXFET Power MOSFET
More results

Similar Description - IRFB9N60

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFIB6N60A IRF-IRFIB6N60A Datasheet
149Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)max=0.75ohm, Id=5.5A)
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRFBC20 IRF-IRFBC20 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.2A)
IRFPC48 IRF-IRFPC48 Datasheet
214Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)=0.82ohm, Id=8.9A)
IRFBC40S IRF-IRFBC40S Datasheet
350Kb / 10P
   Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.2A)
IRFIBC30G IRF-IRFIBC30G Datasheet
169Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=2.5A)
IRFPC40 IRF-IRFPC40 Datasheet
168Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.8A)
IRFPC50LC IRF-IRFPC50LC Datasheet
333Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRFPC60 IRF-IRFPC60 Datasheet
162Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=0.40ohm, Id=16A)
IRFBC30S IRF-IRFBC30S Datasheet
362Kb / 10P
   Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com