Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFB9N65 Datasheet(PDF) 7 Page - International Rectifier

Part # IRFB9N65
Description  Power MOSFET(Vdss=650V, Rds(on)max=0.93ohm, Id=8.5A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB9N65 Datasheet(HTML) 7 Page - International Rectifier

  IRFB9N65 Datasheet HTML 1Page - International Rectifier IRFB9N65 Datasheet HTML 2Page - International Rectifier IRFB9N65 Datasheet HTML 3Page - International Rectifier IRFB9N65 Datasheet HTML 4Page - International Rectifier IRFB9N65 Datasheet HTML 5Page - International Rectifier IRFB9N65 Datasheet HTML 6Page - International Rectifier IRFB9N65 Datasheet HTML 7Page - International Rectifier IRFB9N65 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRFB9N65A
www.irf.com
7
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
+
-
+
+
+
-
-
-
Fig 14. For N-Channel HEXFET® Power MOSFETs
* VGS = 5V for Logic Level Devices
Peak Diode Recovery dv/dt Test Circuit
ƒ
„
‚
RG
VDD
• dv/dt controlled by R
G
• Driver same type as D.U.T.
• I
SD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer

*


Similar Part No. - IRFB9N65

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFB9N65A VISHAY-IRFB9N65A Datasheet
158Kb / 8P
   Power MOSFET
Rev. B, 21-Jul-08
logo
Inchange Semiconductor ...
IRFB9N65A ISC-IRFB9N65A Datasheet
329Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFB9N65A VISHAY-IRFB9N65A Datasheet
180Kb / 9P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
logo
Vishay Siliconix
IRFB9N65APBF VISHAY-IRFB9N65APBF Datasheet
158Kb / 8P
   Power MOSFET
Rev. B, 21-Jul-08
More results

Similar Description - IRFB9N65

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFIB5N65A IRF-IRFIB5N65A Datasheet
103Kb / 8P
   Power MOSFET(Vdss=650V, Rds(on)max=0.93ohm, Id=5.1A)
IRFR3704 IRF-IRFR3704 Datasheet
115Kb / 9P
   Power MOSFET(Vdss=20V, Rds(on)max=9.5mohm, Id=75A??
IRF7452 IRF-IRF7452 Datasheet
104Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)max=0.060ohm, Id=4.5A)
IRF830AS IRF-IRF830AS Datasheet
155Kb / 10P
   Power MOSFET(Vdss=500V, Rds(on)max=1.40ohm, Id=5.0A)
IRF3515S IRF-IRF3515S Datasheet
126Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRFP460AS IRF-IRFP460AS Datasheet
115Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
IRFB13N50A IRF-IRFB13N50A Datasheet
97Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.450ohm, Id=14A)
IRFP3703 IRF-IRFP3703 Datasheet
236Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=0.0028ohm, Id=210A??
IRF5801 IRF-IRF5801 Datasheet
120Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=2.2ohm, Id=0.6A)
IRF7457 IRF-IRF7457 Datasheet
120Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)max=7.0mohm, Id=15A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com