Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F364AKDFA Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R5F364AKDFA
Description  RENESAS MCU
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F364AKDFA Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F364AKDFA Datasheet HTML 7Page - Renesas Technology Corp R5F364AKDFA Datasheet HTML 8Page - Renesas Technology Corp R5F364AKDFA Datasheet HTML 9Page - Renesas Technology Corp R5F364AKDFA Datasheet HTML 10Page - Renesas Technology Corp R5F364AKDFA Datasheet HTML 11Page - Renesas Technology Corp R5F364AKDFA Datasheet HTML 12Page - Renesas Technology Corp R5F364AKDFA Datasheet HTML 13Page - Renesas Technology Corp R5F364AKDFA Datasheet HTML 14Page - Renesas Technology Corp R5F364AKDFA Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
R01DS0032EJ0200 Rev.2.00
Page 11 of 88
Feb 07, 2011
M16C/64A Group
1. Overview
1.6
Pin Functions
Power supply: VCC2 is used to supply power to the external bus associated pins. The dual power supply configuration
allows VCC2 to interface at a different voltage than VCC1.
Table 1.6
Pin Functions for the 100-Pin Package (1/3)
Signal Name
Pin Name
I/O
Power Supply
Description
Power supply
input
VCC1,
VCC2, VSS
I-
Apply 2.7 to 5.5 V to pins VCC1 and VCC2 (VCC1
≥ VCC2)
and 0 V to the VSS pin.
Analog power
supply input
AVCC, AVSS
I
VCC1
This is the power supply for the A/D and D/A converters.
Connect the AVCC pin to VCC1, and connect the AVSS pin
to VSS.
Reset input
RESET
I
VCC1
Driving this pin low resets the MCU.
CNVSS
CNVSS
I
VCC1
Input pin to switch processor modes. After a reset, to start
operating in single-chip mode, connect the CNVSS pin to
VSS via a resistor. To start operating in microprocessor
mode, connect the pin to VCC1.
External data bus
width select input
BYTE
I
VCC1
Input pin to select the data bus of the external area. The data
bus is 16 bits when it is low, and 8 bits when it is high. This
pin must be fixed either high or low. Connect the BYTE pin to
VSS in single-chip mode.
Bus control pins
D0 to D7
I/O
VCC2
Inputs or outputs data (D0 to D7) while accessing an
external area with a separate bus.
D8 to D15
I/O
VCC2
Inputs or outputs data (D8 to D15) while accessing an
external area with a 16-bit separate bus.
A0 to A19
O
VCC2
Outputs address bits A0 to A19.
A0/D0 to
A7/D7
I/O
VCC2
Inputs or outputs data (D0 to D7) and outputs address bits
(A0 to A7) by timesharing, while accessing an external area
with an 8-bit multiplexed bus.
A1/D0 to
A8/D7
I/O
VCC2
Inputs or outputs data (D0 to D7) and outputs address bits
(A1 to A8) by timesharing, while accessing an external area
with a 16-bit multiplexed bus.
CS0 to CS3
O
VCC2
Outputs chip-select signals
CS0 to CS3 to specify an
external area.
WRL/WR
WRH/BHE
RD
O
VCC2
Outputs
WRL, WRH, (WR, BHE), and RD signals. WRL and
WRH can be switched with BHE and WR.
WRL, WRH, and RD selected
If the external data bus is 16 bits, data is written to an even
address in an external area when
WRL is driven low. Data
is written to an odd address when
WRH is driven low. Data
is read when
RD is driven low.
WR, BHE, and RD selected
Data is written to an external area when
WR is driven low.
Data in an external area is read when
RD is driven low. An
odd address is accessed when
BHE is driven low. Select
WR, BHE, and RD when using an 8-bit external data bus.
ALE
O
VCC2
Outputs an ALE signal to latch the address.
HOLD
I
VCC2
HOLD input is unavailable. Connect the HOLD pin to VCC2
via a resistor (pull-up).
HLDA
O
VCC2
In a hold state,
HLDA outputs a low-level signal.
RDY
I
VCC2
The MCU bus is placed in a wait state while the
RDY pin is
driven low.


Similar Part No. - R5F364AKDFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F364AKDFA RENESAS-R5F364AKDFA Datasheet
747Kb / 92P
   This MCU consumes low power, and supports operating modes
More results

Similar Description - R5F364AKDFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com