Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFBC20 Datasheet(PDF) 4 Page - International Rectifier

Part # IRFBC20
Description  Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.2A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFBC20 Datasheet(HTML) 4 Page - International Rectifier

  IRFBC20 Datasheet HTML 1Page - International Rectifier IRFBC20 Datasheet HTML 2Page - International Rectifier IRFBC20 Datasheet HTML 3Page - International Rectifier IRFBC20 Datasheet HTML 4Page - International Rectifier IRFBC20 Datasheet HTML 5Page - International Rectifier IRFBC20 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image


Similar Part No. - IRFBC20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFBC20 VISHAY-IRFBC20 Datasheet
2Mb / 8P
   Power MOSFET
Rev. A, 21-Jul-08
logo
Kersemi Electronic Co.,...
IRFBC20 KERSEMI-IRFBC20 Datasheet
4Mb / 7P
   Power MOSFET
logo
Vishay Siliconix
IRFBC20 VISHAY-IRFBC20 Datasheet
1Mb / 9P
   Power MOSFET
Rev. B, 21-Mar-11
logo
Inchange Semiconductor ...
IRFBC20 ISC-IRFBC20 Datasheet
328Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFBC20 VISHAY-IRFBC20 Datasheet
599Kb / 9P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRFBC20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBC20S IRF-IRFBC20S Datasheet
355Kb / 10P
   Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.2A)
IRFRC20 IRF-IRFRC20 Datasheet
169Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.0A)
IRFDC20 IRF-IRFDC20 Datasheet
464Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=0.32A)
IRFIBC20G IRF-IRFIBC20G Datasheet
167Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=1.7A)
IRFR214 IRF-IRFR214 Datasheet
169Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=2.2A)
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRFPC48 IRF-IRFPC48 Datasheet
214Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)=0.82ohm, Id=8.9A)
IRFB9N60A IRF-IRFB9N60A Datasheet
135Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)=0.75ohm, Id=9.2A)
IRFBC40S IRF-IRFBC40S Datasheet
350Kb / 10P
   Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.2A)
IRFIBC30G IRF-IRFIBC30G Datasheet
169Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=2.5A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com