Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F35MFEJFF Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R5F35MFEJFF
Description  RENESAS MCU
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F35MFEJFF Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R5F35MFEJFF Datasheet HTML 3Page - Renesas Technology Corp R5F35MFEJFF Datasheet HTML 4Page - Renesas Technology Corp R5F35MFEJFF Datasheet HTML 5Page - Renesas Technology Corp R5F35MFEJFF Datasheet HTML 6Page - Renesas Technology Corp R5F35MFEJFF Datasheet HTML 7Page - Renesas Technology Corp R5F35MFEJFF Datasheet HTML 8Page - Renesas Technology Corp R5F35MFEJFF Datasheet HTML 9Page - Renesas Technology Corp R5F35MFEJFF Datasheet HTML 10Page - Renesas Technology Corp R5F35MFEJFF Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 159 page
background image
R01DS0019EJ0110 Rev.1.10
Page 7 of 156
Sep 01, 2011
M16C/5M Group, M16C/57 Group
1. Overview
Note:
1.
Refer to Table 1.7 “M16C/5M Group Product List (J-Version)” to Table 1.10 “M16C/57 Group Product
List (K-Version) for Operating Temperature, CAN Module, and E2dataFlash.
Table 1.6
Specifications (64-pin Package) (2/2)
Item
Function
Specification
CRC Calculator
1 circuit
CRC-CCITT (X16 + X12 + X5 + 1), CRC-16 (X16 + X15 + X2 + 1) compliant
MSB/LSB selectable
Serial Bus Interface
1 channel
Clock synchronous serial communication mode
4-wire bus communication mode
Programmable character length: 8 to 16 bits
LIN Module
1 channel
CAN Module
32-slot message buffer × 2 channels or 1 channel (M16C/5M Group) (1)
Flash Memory
Programming and erasure supply voltage: 3.0 to 5.5 V
Programming and erasure endurance: 1,000 times (program ROM 1,
program ROM 2)/10,000 times (data flash)
Program security: ROM code protect, ID code check
E2dataFlash
Programming and erasure endurance: 100,000 (1)
Debug Functions
On-board flash rewrite function, address match × 4
Operating Frequency/Power Supply
Voltage
32 MHz / 3.0 to 5.5 V
Current Consumption
Described in 31. “Electrical Characteristics”
Operating Temperature
-40°C to 85°C
-40°C to 125°C (1)
Package
64-pin plastic mold LQFP: PLQP0064KB-A (Previous package code: 64P6Q-A)


Similar Part No. - R5F35MFEJFF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F35MFEJFF RENESAS-R5F35MFEJFF Datasheet
1,001Kb / 159P
   RENESAS MCU
More results

Similar Description - R5F35MFEJFF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com