Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFBE20 Datasheet(PDF) 5 Page - International Rectifier

Part # IRFBE20
Description  Power MOSFET(Vdss=800V, Rds(on)=6.5ohm, Id=1.8A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFBE20 Datasheet(HTML) 5 Page - International Rectifier

  IRFBE20 Datasheet HTML 1Page - International Rectifier IRFBE20 Datasheet HTML 2Page - International Rectifier IRFBE20 Datasheet HTML 3Page - International Rectifier IRFBE20 Datasheet HTML 4Page - International Rectifier IRFBE20 Datasheet HTML 5Page - International Rectifier IRFBE20 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image


Similar Part No. - IRFBE20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFBE20 VISHAY-IRFBE20 Datasheet
1,000Kb / 8P
   Power MOSFET
S-81262-Rev. A, 07-Jul-08
IRFBE20 VISHAY-IRFBE20 Datasheet
266Kb / 9P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFBE20PBF IRF-IRFBE20PBF Datasheet
249Kb / 8P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRFBE20PBF VISHAY-IRFBE20PBF Datasheet
1,000Kb / 8P
   Power MOSFET
S-81262-Rev. A, 07-Jul-08
IRFBE20PBF VISHAY-IRFBE20PBF Datasheet
266Kb / 9P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRFBE20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFIBE20G IRF-IRFIBE20G Datasheet
168Kb / 6P
   Power MOSFET(Vdss=800V, Rds(on)=6.5ohm, Id=1.4A)
IRFL9014 IRF-IRFL9014 Datasheet
222Kb / 8P
   Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.8A)
IRF9610S IRF-IRF9610S Datasheet
163Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.8A)
IRFRU9310 IRF-IRFRU9310 Datasheet
116Kb / 10P
   Power MOSFET(Vdss=-400V, Rds(on)=7.0ohm, Id=-1.8A)
IRF9610 IRF-IRF9610 Datasheet
161Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.8A)
IRFBE30 IRF-IRFBE30 Datasheet
167Kb / 6P
   Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=4.1A)
IRFPE40 IRF-IRFPE40 Datasheet
168Kb / 6P
   Power MOSFET(Vdss=800V, Rds(on)=2.0ohm, Id=5.4A)
IRFPE30 IRF-IRFPE30 Datasheet
165Kb / 6P
   Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=4.1A)
IRFPE50 IRF-IRFPE50 Datasheet
174Kb / 6P
   Power MOSFET(Vdss=800V, Rds(on)=1.2ohm, Id=7.8A)
IRFIBE30G IRF-IRFIBE30G Datasheet
142Kb / 5P
   Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=2.1A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com