Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33035CP Datasheet(PDF) 9 Page - Tiger Electronic Co.,Ltd

Part # MC33035CP
Description  TIGER ELECTRONIC CO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MC33035CP Datasheet(HTML) 9 Page - Tiger Electronic Co.,Ltd

Back Button MC33035CP Datasheet HTML 5Page - Tiger Electronic Co.,Ltd MC33035CP Datasheet HTML 6Page - Tiger Electronic Co.,Ltd MC33035CP Datasheet HTML 7Page - Tiger Electronic Co.,Ltd MC33035CP Datasheet HTML 8Page - Tiger Electronic Co.,Ltd MC33035CP Datasheet HTML 9Page - Tiger Electronic Co.,Ltd MC33035CP Datasheet HTML 10Page - Tiger Electronic Co.,Ltd MC33035CP Datasheet HTML 11Page - Tiger Electronic Co.,Ltd MC33035CP Datasheet HTML 12Page - Tiger Electronic Co.,Ltd MC33035CP Datasheet HTML 13Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Vcc=20V
Vc=20V
RL=1.0K
CL=15pF
Vcc=20V
Vc=20V
CL=1.0nF
Ta=25
Vcc=20V
Vc=20V
CL=15pF
Ta=25
Vcc=20V
Vc=20V
Ta=25
拉电流
(负载到地)
灌电流
(负载到Vc)
RT=4.7K
CT=10nF
3-6,9,15,23脚接地
7,22脚开路
Ta=25
0
100
100ns/DIV
上驱动输出波形
0
100
50ns/DIV
下驱动输出波形
0
100
50ns/DIV
下驱动输出波形
020
40
60
80
输出负载电流
mA
下驱动管输出端饱和压降与负载电流
0
1
2
0
-1
-2
Vc
Icc
Ic
0
5.0
10
15
20
25
30
0
2
4
6
8
10
12
14
16
电源电压
V
电源电流与电源电压
Vcc=20V
Vc=20V
RT=4.7K
CT=10nF
Ta=25
0
1.0
2.0
3.0
4.0
5.0
0
20
40
60
80
100
PWM输入电压
V
输出占空比与PWM输入电压


Similar Part No. - MC33035CP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33035 ONSEMI-MC33035 Datasheet
649Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
April, 2004 ??Rev. 7
MC33035 ONSEMI-MC33035 Datasheet
430Kb / 28P
   Brushless DC Motor Controller
April, 2004 ??Rev. 7
MC33035 ONSEMI-MC33035 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
MC33035DW ONSEMI-MC33035DW Datasheet
649Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
April, 2004 ??Rev. 7
MC33035DW ONSEMI-MC33035DW Datasheet
430Kb / 28P
   Brushless DC Motor Controller
April, 2004 ??Rev. 7
More results

Similar Description - MC33035CP

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
TL494CN TGS-TL494CN Datasheet
602Kb / 7P
   TIGER ELECTRONIC CO
TA31002 TGS-TA31002 Datasheet
158Kb / 4P
   TIGER ELECTRONIC CO
ET62429 TGS-ET62429 Datasheet
173Kb / 5P
   TIGER ELECTRONIC
logo
Samtec, Inc
TFSD-05-28-H-10.00-T SAMTEC-TFSD-05-28-H-10.00-T Datasheet
224Kb / 1P
   TIGER EYE DISCRETE CABLE ASSEMBLY
MMS-105-02-T-SV SAMTEC-MMS-105-02-T-SV Datasheet
498Kb / 1P
   TIGER CLAW??SOCKET STRIP
SFM-105-01-S-D-LC SAMTEC-SFM-105-01-S-D-LC Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE TIGER EYE??SOCKET
SFM-105-02-S-D-A SAMTEC-SFM-105-02-S-D-A Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE TIGER EYE??SOCKET
SFSD-05-28-H-10.00-SR SAMTEC-SFSD-05-28-H-10.00-SR Datasheet
238Kb / 1P
   TIGER EYE??DISCRETE CABLE ASSEMBLY
TCSD-05-D-06.00-01-N SAMTEC-TCSD-05-D-06.00-01-N Datasheet
185Kb / 1P
   TIGER EYE??IDC SOCKET CABLE
SSM-116-F-DV SAMTEC-SSM-116-F-DV Datasheet
994Kb / 1P
   TIGER CLAW??SURFACE MOUNT SOCKET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com