Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF08E60D1 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SF08E60D1
Description  8 Amp Super Fast Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SF08E60D1 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SF08E60D1_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SF08E60D1_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SF08E60D1
Voltage 600V
8 Amp Super Fast Rectifier
02-Dec-2013 Rev.A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen free
FEATURES
Fast switching for high efficiency
Low forward voltage drop
High current capability
Low reverse leakage current
High surge current capability
MECHANICAL DATA
Case: Molded plastic
Plastic Materials used Carries Underwriters
Laboratory Flammability Classification 94V-O
Lead Temperature for Soldering Purposes:
265℃ Max. for 10 Seconds
PACKAGE INFORMATION
Package
MPQ
Leader Size
TO-252
2.5K
13’ inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise s pecified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
600
V
Working Peak Reverse Voltage
VRSM
600
V
Maximum DC Blocking Voltage
VDC
600
V
Maximum Average Forward Rectified Current
IF
8
A
Peak Repetitive Forward Current
IFM
35
A
Peak Forward Surge Current, 8.3 ms single half sine-wave
IFSM
29
A
Typical Thermal Resistance
RθJC
10
°C /W
Operating and Storage Temperature Range
TJ,TSTG
-55~150
°C
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Typ.
Max.
Unit
Test Condition
1.5
1.7
IF = 8 A, TJ = 25°C
Maximum Instantaneous Forward
Voltage
VF
1.3
-
V
IF = 8 A, TJ = 125°C
0.002
0.2
TJ=25°C
Maximum DC Reverse Current
at Rated DC Blocking Voltage
3
IR
-
20
mA
TJ=100°C
Max. Reverse Recovery Time
1
TRR
22
35
nS
Typical Junction Capacitance
2
CJ
53
-
pF
NOTES:
1. Reverse recovery test conditions IF= 0.5A, IR= 1.0A, IRR= 0.25A.
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3. Pulse Test:Pulse Width = 300 µs, Duty Cycle ≦ 2.0%.
TO-252
A
C
D
N
O
P
G E
F
H
K
J
M
B
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.35
6.90
J
2.30 REF.
B
4.95
5.50
K
0.64
1.14
C
2.10
2.50
M
0.50
1.14
D
0.43
0.9
N
1.3
1.8
E
6.0
7.5
O
0
0.13
F
2.80 REF
P
0.58REF.
G
5.40
6.40
H
0.60
1.20
Pin 2
Pin 3
Pin 1


Similar Part No. - SF08E60D1_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SF08E60D1 SECOS-SF08E60D1 Datasheet
280Kb / 2P
   8 Amp Super Fast Rectifier
More results

Similar Description - SF08E60D1_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SF08E60D1 SECOS-SF08E60D1 Datasheet
280Kb / 2P
   8 Amp Super Fast Rectifier
SF08E60 SECOS-SF08E60_15 Datasheet
259Kb / 2P
   8 Amp Super Fast Rectifier
SF08E60F SECOS-SF08E60F Datasheet
256Kb / 2P
   8 Amp Super Fast Rectifier
SF08E60 SECOS-SF08E60 Datasheet
264Kb / 2P
   8 Amp Super Fast Rectifier
SF08E60F SECOS-SF08E60F_15 Datasheet
256Kb / 2P
   8 Amp Super Fast Rectifier
SFG10SD200F SECOS-SFG10SD200F Datasheet
390Kb / 2P
   10 Amp Super Fast Rectifier
SFG10ED50 SECOS-SFG10ED50 Datasheet
242Kb / 2P
   10 Amp Super Fast Rectifier
logo
WILLAS ELECTRONIC CORP
EFM201 WILLAS-EFM201 Datasheet
381Kb / 2P
   2.0 AMP SUPER FAST RECTIFIER
logo
SeCoS Halbleitertechnol...
SFG10SD200 SECOS-SFG10SD200 Datasheet
273Kb / 2P
   10 Amp Super Fast Rectifier
logo
WILLAS ELECTRONIC CORP
EFM101 WILLAS-EFM101 Datasheet
214Kb / 2P
   1.0 AMP SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com