Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC358MF-DAA Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # PC358MF-DAA
Description  Bipolar Analog Integrated Circuit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PC358MF-DAA Datasheet(HTML) 5 Page - Renesas Technology Corp

  PC358MF-DAA_15 Datasheet HTML 1Page - Renesas Technology Corp PC358MF-DAA_15 Datasheet HTML 2Page - Renesas Technology Corp PC358MF-DAA_15 Datasheet HTML 3Page - Renesas Technology Corp PC358MF-DAA_15 Datasheet HTML 4Page - Renesas Technology Corp PC358MF-DAA_15 Datasheet HTML 5Page - Renesas Technology Corp PC358MF-DAA_15 Datasheet HTML 6Page - Renesas Technology Corp PC358MF-DAA_15 Datasheet HTML 7Page - Renesas Technology Corp PC358MF-DAA_15 Datasheet HTML 8Page - Renesas Technology Corp PC358MF-DAA_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
μ PC358MF-DAA
Chapter Title
R03DS0005EJ0100 Rev.1.00
Page 5 of 8
Aug 04, 2010
IO SHORT vs. TA
AV vs. V
+
-20
0
20
40
60
80
30
40
50
60
70
+
IO SHORT
TA - Operating Ambient Temperature -
°C
160
040
120
80
40
0
30
20
10
RL = 20 k
Ω
2 k
Ω
V
+ - Power Supply Voltage - V (V- = GND)
AV,
φ vs. f
140
120
100
80
60
40
20
0
V =
±15 V
±
±7.5 V
±2.5 V
±15 V
±7.5 V
±2.5 V
AV
φ
f - Frequency - Hz
VO vs. f
CMR vs. f
20
1 k
15
10
5
0
3 5 10 k
30 50 100 k 3005001 M
+
+15 V
VO
VIN
100 k
Ω
1 k
Ω
+7 V
2 k
Ω
f - Frequency - Hz
0
10
20
30
40
50
60
70
80
f - Frequency - Hz
0.1
1
10
100
1 k
10 k
100 k
1 M
100
1 k
10 k
100 k
1 M


Similar Part No. - PC358MF-DAA_15

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC358 SHARP-PC358 Datasheet
82Kb / 6P
   Mini-Flat Package,High Collector-emitter Voltage Type Photocoupler
logo
P-tec Corporation
PC358-O P-TEC-PC358-O Datasheet
237Kb / 2P
   PC358-O
More results

Similar Description - PC358MF-DAA_15

ManufacturerPart #DatasheetDescription
logo
NEC
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2753GR RENESAS-UPC2753GR Datasheet
243Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC2756TB RENESAS-UPC2756TB Datasheet
252Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC3223TB RENESAS-UPC3223TB Datasheet
225Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
UPC1830 RENESAS-UPC1830 Datasheet
525Kb / 46P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com