Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2A20112ASP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R2A20112ASP
Description  Critical Conduction Mode Interleaved PFC Control IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20112ASP Datasheet(HTML) 6 Page - Renesas Technology Corp

  R2A20112ASP_15 Datasheet HTML 1Page - Renesas Technology Corp R2A20112ASP_15 Datasheet HTML 2Page - Renesas Technology Corp R2A20112ASP_15 Datasheet HTML 3Page - Renesas Technology Corp R2A20112ASP_15 Datasheet HTML 4Page - Renesas Technology Corp R2A20112ASP_15 Datasheet HTML 5Page - Renesas Technology Corp R2A20112ASP_15 Datasheet HTML 6Page - Renesas Technology Corp R2A20112ASP_15 Datasheet HTML 7Page - Renesas Technology Corp R2A20112ASP_15 Datasheet HTML 8Page - Renesas Technology Corp R2A20112ASP_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
R2A20112ASP
Preliminary
R03DS0047EJ0100 Rev.1.00
Page 6 of 8
Jul 21, 2011
Electrical Characteristics (cont.)
(Ta = 25°C, VCC = 12 V, RT = 33 k
, RAMP = 820 pF, TM = 2.2 F, SS = 1.0 F, OCP = GND)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Gate drive rise time
tr-gd
20
100
ns
FB-COMP short
CL = 100 pF
tr
90%
10%
Gate drive fall time
tf-gd
5
30
ns
FB-COMP short
CL = 100 pF
tf
90%
10%
Vol1-gd
0.02
0.1
V
Isink = 2 mA
Gate drive low voltage
Vol2-gd
0.01
0.2
V
Isink = 1 mA, VCC = 5 V
Gate drive
(GD-M &
GD-S)
Gate drive high voltage
Voh-gd
11.5
11.9
V
Isource = –2 mA *
1
OCP threshold voltage
Vocp
0.27
0.30
0.33
V
Over current
protection
(OCP-M &
OCP-S
OCP source current
Iocp
–10
–5
–2.5
A
OCP = 0 V
ON/OFF timer threshold voltage
Vtm
3.52
3.6
3.68
V
ON/OFF timer hysteresis
Hys-tm
2.1
2.2
2.3
V
Charge current
Isrc-tm
–54
–45
–36
A
TM = 2 V, OCP-M = 1 V
Discharge current
at TM disable condition
Isnk-tm1
36
45
54
A
TM = 2 V
ON/OFF timer
protection for
Boost diode
short
Discharge current
at TM enable condition
Isnk-tm2
4.2
5
5.8
A
TM = 5 V to 2 V
Dynamic OVP threshold voltage
Vdovp
Vfb
1.035
Vfb
1.050
Vfb
1.065
V
COMP = 2.5 V
Static OVP threshold voltage
Vsovp
Vfb
1.075
Vfb
1.090
Vfb
1.105
V
COMP = 2.5 V
Static OVP hysteresis
Hys-sovp
50
100
150
mV
COMP = 2.5 V
Dynamic UVP threshold voltage
Vduvp
Vfb
0.930
Vfb
0.950
V
COMP = 2.5 V *
1
FB low detect threshold voltage
Vfblow
0.45
0.50
0.55
V
COMP = 2.5 V
PFC output
abnormality
protection
FB low detect hysteresis
Hysfblow
0.16
0.20
0.24
V
COMP = 2.5 V
Upper clamp voltage
Vzcdh
4.0
4.5
5.0
V
Isource = –3 mA
Lower clamp voltage
Vzcdl
–0.5
–0.1
0.4
V
Isink = 3 mA
ZCD low threshold voltage
Vzcd-lo
0.9
1.3
1.6
V
*
1
ZCD hysteresis
Hyszcd
130
300
410
mV
*
1
Zero current
detector
(ZCD-M &
ZCD-S)
Input bias current
Izcd
–14
–10
–6
A
1.2 V < Vzcd < 2.5 V
ZCD-S open
detector
Slave ZCD open detect delay
time
tzcds
100
ms
ZCD-S: OPEN
Gate drive 10 kHz *
1
Soft start
Charge current
Ic-ss
–14
–10
–6
A
SS = 3 V, FB = 1 V
Restart
Restart time delay
Tstart
210
280
350
s
ZCD-M = 10 k
 to GND
ZCD-S = 10 k
 to GND *2
Notes: *1 Design spec
*2
Tstart (280
μs)
[ A period without ZCD-M trigger]
Restart pulse width: 1
μs
(Design spec)
ZCD-M
Vzcd-lo (1.3V: provide 300mV hysteresis)
GD-M


Similar Part No. - R2A20112ASP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20112ASP RENESAS-R2A20112ASP_16 Datasheet
272Kb / 9P
   Critical Conduction Mode Interleaved PFC Control IC
More results

Similar Description - R2A20112ASP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20118ASP RENESAS-R2A20118ASP_16 Datasheet
282Kb / 10P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20118ASP RENESAS-R2A20118ASP Datasheet
102Kb / 10P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20112SPDD RENESAS-R2A20112SPDD_15 Datasheet
330Kb / 8P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20118ASP RENESAS-R2A20118ASP_15 Datasheet
102Kb / 10P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP_16 Datasheet
272Kb / 9P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP_V01 Datasheet
271Kb / 9P
   Critical Conduction Mode Interleaved PFC Control IC
Jan 08, 2016
R2A20112SP RENESAS-R2A20112SP Datasheet
85Kb / 8P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP Datasheet
111Kb / 9P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20113ASP RENESAS-R2A20113ASP_16 Datasheet
281Kb / 13P
   Critical Conduction Mode PFC Control IC
R2A20133ASP RENESAS-R2A20133ASP Datasheet
122Kb / 14P
   Critical Conduction Mode PFC Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com