Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJH60F5DPK Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RJH60F5DPK
Description  Silicon N Channel IGBT High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH60F5DPK Datasheet(HTML) 6 Page - Renesas Technology Corp

  RJH60F5DPK_15 Datasheet HTML 1Page - Renesas Technology Corp RJH60F5DPK_15 Datasheet HTML 2Page - Renesas Technology Corp RJH60F5DPK_15 Datasheet HTML 3Page - Renesas Technology Corp RJH60F5DPK_15 Datasheet HTML 4Page - Renesas Technology Corp RJH60F5DPK_15 Datasheet HTML 5Page - Renesas Technology Corp RJH60F5DPK_15 Datasheet HTML 6Page - Renesas Technology Corp RJH60F5DPK_15 Datasheet HTML 7Page - Renesas Technology Corp RJH60F5DPK_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
RJH60F5DPK
Preliminary
R07DS0055EJ0300 Rev.3.00
Page 6 of 7
Nov 24, 2010
Pulse Width
PW (s)
Normalized Transient Thermal Impedance vs. Pulse Width (IGBT)
Pulse Width
PW (s)
Normalized Transient Thermal Impedance vs. Pulse Width (Diode)
0.01
0.1
10
1
10
μ
100
μ
1 m
10 m
100 m
1
10
PDM
PW
T
D =
PW
T
θj – c(t) = γs (t) • θj – c
θj – c = 0.48 °C/W, Tc = 25°C
Tc = 25
°C
0.01
1
0.1
10
10
μ
100
μ
1 m
10 m
100 m
1
10
PDM
PW
T
D =
PW
T
θj – c(t) = γs (t) • θj – c
θj – c = 2°C/W, Tc = 25°C
0.05
0.2
0.1
0.5
D = 1
0.02
Tc = 25
°C
0.01
1 shot pulse
0.05
0.2
0.1
0.5
D = 1
Switching Time Test Circuit
0.02 0.01 1 shot pulse
Waveform
Diode clamp
D.U.T
Rg
L
VCC
td(off)
toff
ton
td(on)
tf
tr
ttail
90%
90%
90%
10%
10%
10%
10%
1%
VGE
IC
VCE


Similar Part No. - RJH60F5DPK_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60F5DPK RENESAS-RJH60F5DPK_10 Datasheet
86Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH60F5DPK RENESAS-RJH60F5DPK_11 Datasheet
91Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
More results

Similar Description - RJH60F5DPK_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SH28 HITACHI-2SH28 Datasheet
43Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
2SH30 HITACHI-2SH30 Datasheet
43Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
logo
Renesas Technology Corp
RJP6065DPM RENESAS-RJP6065DPM_15 Datasheet
99Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF5RDPQ-80 RENESAS-RJH1CF5RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF7RDPQ-80 RENESAS-RJH1CF7RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJP30K3DPP-M0 RENESAS-RJP30K3DPP-M0 Datasheet
99Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJP63K2DPK-M0 RENESAS-RJP63K2DPK-M0 Datasheet
160Kb / 7P
   Silicon N Channel IGBT High speed power switching
RJP60D0DPP-M0 RENESAS-RJP60D0DPP-M0 Datasheet
85Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH60F0DPQ-A0 RENESAS-RJH60F0DPQ-A0 Datasheet
112Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
RJH1BF6RDPQ-80 RENESAS-RJH1BF6RDPQ-80 Datasheet
107Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF6RDPQ-80 RENESAS-RJH1CF6RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com