Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFI620G Datasheet(PDF) 4 Page - International Rectifier

Part # IRFI620G
Description  Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=4.1A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFI620G Datasheet(HTML) 4 Page - International Rectifier

  IRFI620G Datasheet HTML 1Page - International Rectifier IRFI620G Datasheet HTML 2Page - International Rectifier IRFI620G Datasheet HTML 3Page - International Rectifier IRFI620G Datasheet HTML 4Page - International Rectifier IRFI620G Datasheet HTML 5Page - International Rectifier IRFI620G Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image


Similar Part No. - IRFI620G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFI620G VISHAY-IRFI620G Datasheet
1Mb / 8P
   Power MOSFET
S-81292-Rev. A, 16-Jun-08
IRFI620G VISHAY-IRFI620G Datasheet
271Kb / 10P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFI620GPBF IRF-IRFI620GPBF Datasheet
292Kb / 8P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRFI620GPBF VISHAY-IRFI620GPBF Datasheet
1Mb / 8P
   Power MOSFET
S-81292-Rev. A, 16-Jun-08
IRFI620GPBF VISHAY-IRFI620GPBF Datasheet
271Kb / 10P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRFI620G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL620S IRF-IRL620S Datasheet
502Kb / 9P
   Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=5.2A)
IRLI620G IRF-IRLI620G Datasheet
339Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=4.0A)
IRFI9630G IRF-IRFI9630G Datasheet
172Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-4.3A)
IRL620 IRF-IRL620 Datasheet
452Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=5.2A)
IRFD220 IRF-IRFD220 Datasheet
175Kb / 6P
   Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=0.80A)
IRF9630 IRF-IRF9630 Datasheet
175Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)
IRF9630S IRF-IRF9630S Datasheet
179Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)
IRFPE30 IRF-IRFPE30 Datasheet
165Kb / 6P
   Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=4.1A)
IRF9230 IRF-IRF9230 Datasheet
149Kb / 7P
   TRANSISTORS P-CHANNEL(Vdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)
IRFI9634G IRF-IRFI9634G Datasheet
120Kb / 8P
   Power MOSFET(Vdss=-250V, Rds(on)=1.0ohm, Id=-4.1A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com