Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFI840GLC Datasheet(PDF) 5 Page - International Rectifier

Part # IRFI840GLC
Description  Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=4.5A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFI840GLC Datasheet(HTML) 5 Page - International Rectifier

  IRFI840GLC Datasheet HTML 1Page - International Rectifier IRFI840GLC Datasheet HTML 2Page - International Rectifier IRFI840GLC Datasheet HTML 3Page - International Rectifier IRFI840GLC Datasheet HTML 4Page - International Rectifier IRFI840GLC Datasheet HTML 5Page - International Rectifier IRFI840GLC Datasheet HTML 6Page - International Rectifier IRFI840GLC Datasheet HTML 7Page - International Rectifier IRFI840GLC Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image


Similar Part No. - IRFI840GLC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFI840GLC VISHAY-IRFI840GLC Datasheet
1Mb / 8P
   Power MOSFET
S-81292-Rev. A, 16-Jun-08
IRFI840GLC VISHAY-IRFI840GLC Datasheet
958Kb / 10P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFI840GLCPBF IRF-IRFI840GLCPBF Datasheet
1Mb / 9P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRFI840GLCPBF VISHAY-IRFI840GLCPBF Datasheet
1Mb / 8P
   Power MOSFET
S-81292-Rev. A, 16-Jun-08
IRFI840GLCPBF VISHAY-IRFI840GLCPBF Datasheet
958Kb / 10P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRFI840GLC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP440 IRF-IRFP440 Datasheet
164Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.8A)
IRF840 IRF-IRF840 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF840S IRF-IRF840S Datasheet
172Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRFI840G IRF-IRFI840G Datasheet
169Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=4.6A)
IRF840LCS IRF-IRF840LCS Datasheet
173Kb / 10P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRC840 IRF-IRC840 Datasheet
220Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF830S IRF-IRF830S Datasheet
175Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A)
IRC830 IRF-IRC830 Datasheet
222Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A)
IRF840A IRF-IRF840A Datasheet
89Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
IRF840AS IRF-IRF840AS Datasheet
129Kb / 10P
   Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com