Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFI9640G Datasheet(PDF) 6 Page - International Rectifier

Part # IRFI9640G
Description  Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-6.1A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFI9640G Datasheet(HTML) 6 Page - International Rectifier

  IRFI9640G Datasheet HTML 1Page - International Rectifier IRFI9640G Datasheet HTML 2Page - International Rectifier IRFI9640G Datasheet HTML 3Page - International Rectifier IRFI9640G Datasheet HTML 4Page - International Rectifier IRFI9640G Datasheet HTML 5Page - International Rectifier IRFI9640G Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image


Similar Part No. - IRFI9640G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFI9640G VISHAY-IRFI9640G Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 16-Jun-08
IRFI9640G VISHAY-IRFI9640G Datasheet
1Mb / 8P
   Power MOSFET
Rev. A, 19-Jan-09
IRFI9640G VISHAY-IRFI9640G Datasheet
883Kb / 10P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFI9640GPBF IRF-IRFI9640GPBF Datasheet
1Mb / 8P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRFI9640GPBF VISHAY-IRFI9640GPBF Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 16-Jun-08
More results

Similar Description - IRFI9640G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP9240 IRF-IRFP9240 Datasheet
166Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-12A)
IRF9640S IRF-IRF9640S Datasheet
170Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A)
IRF9640 IRF-IRF9640 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A)
IRF9Z14 IRF-IRF9Z14 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-6.7A)
IRFPG50 IRF-IRFPG50 Datasheet
211Kb / 8P
   Power MOSFET(Vdss=1000V, Rds(on)=2.0ohm, Id=6.1A)
IRFR9014 IRF-IRFR9014 Datasheet
177Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-5.1A)
IRF9Z14S IRF-IRF9Z14S Datasheet
361Kb / 10P
   Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-6.7A)
IRFD9014 IRF-IRFD9014 Datasheet
177Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.1A)
IRFL9014 IRF-IRFL9014 Datasheet
222Kb / 8P
   Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.8A)
IRLI620G IRF-IRLI620G Datasheet
339Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=4.0A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com