Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CI-F04 Datasheet(PDF) 3 Page - TEMEX

Part # CI-F04
Description  CI F04 and CI F05 are digital pulse compressors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

CI-F04 Datasheet(HTML) 3 Page - TEMEX

  CI-F04 Datasheet HTML 1Page - TEMEX CI-F04 Datasheet HTML 2Page - TEMEX CI-F04 Datasheet HTML 3Page - TEMEX CI-F04 Datasheet HTML 4Page - TEMEX CI-F04 Datasheet HTML 5Page - TEMEX CI-F04 Datasheet HTML 6Page - TEMEX CI-F04 Datasheet HTML 7Page - TEMEX CI-F04 Datasheet HTML 8Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Digital pulse compression module
CI F04 / CI F05 Compressor
March 15
th, 2013
CI F04 / CI F05 Compressor Revision A3
3 / 8
www.rakon.com
Table 1 : Waveform A selection
WFMSel_A
Waveform
0
Waveform A0 (TBD)
1
Waveform A1 (TBD)
Table 2 : Waveform B selection (CI F05 only)
WFMSel_B
Waveform
0
Waveform B0 (TBD)
1
Waveform B1 (TBD)
Fig. 3 : Accessible B x T area
Specifications
1
Environmental conditions
Line
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Procedures and conditions refer to MIL-STD-810G
1.1
Temperature operating
-25
+60
°C
1.2
Temperature storage
-40
+85
°C
1.3
Humidity operating
@ 30 °C, (non condensing)
95
% RH
1.4
Shock
11 ms, 3 axes, 2 dir, half sine
pulse
30
g
1.5
Random Vibration
20 to 500 Hz, 3 axes
0.1
g
2/Hz
1.6
EMI - EMC
In accordance with MIL-STD 461 E


Similar Part No. - CI-F04

ManufacturerPart #DatasheetDescription
logo
TEMEX
CI-F06 TEMEX-CI-F06 Datasheet
561Kb / 9P
   CI F06 unit includes a digital pulse expander
More results

Similar Description - CI-F04

ManufacturerPart #DatasheetDescription
logo
TEMEX
CI-F06 TEMEX-CI-F06 Datasheet
561Kb / 9P
   CI F06 unit includes a digital pulse expander
CI-E03 TEMEX-CI-E03 Datasheet
693Kb / 11P
   CI E03 is a digital dual pulse compression module
CIF06 TEMEX-CIF06 Datasheet
597Kb / 9P
   CI F06 Expander and Compressor
logo
Tyco Electronics
926980-2 MACOM-926980-2 Datasheet
42Kb / 1P
   CI 2 kontaktstift
logo
Assmann Electronics Inc...
AWLP-14-32-T ASSMANN-AWLP-14-32-T Datasheet
170Kb / 1P
   ASS 1197 CI
A-DIO-FS06-PURPLE ASSMANN-A-DIO-FS06-PURPLE Datasheet
921Kb / 1P
   ASS 1021 CI
logo
TEMEX
CIF07 TEMEX-CIF07 Datasheet
522Kb / 6P
   CI F07 Dual Expander
logo
PHOENIX CONTACT
1444047 PHOENIX-1444047 Datasheet
146Kb / 2P
   Accessories - SACC-SEAL-CI-M12FS-8X1,3
1552214 PHOENIX-1552214 Datasheet
136Kb / 4P
   SACC-CI-M12MSD-4CON-L180 THR
logo
ON Semiconductor
NXH35C120L2C2SG ONSEMI-NXH35C120L2C2SG Datasheet
277Kb / 9P
   TMPIM 35 A CIB/CI Module
February, 2020 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com