Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFIB5N65 Datasheet(PDF) 5 Page - International Rectifier

Part # IRFIB5N65
Description  Power MOSFET(Vdss=650V, Rds(on)max=0.93ohm, Id=5.1A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFIB5N65 Datasheet(HTML) 5 Page - International Rectifier

  IRFIB5N65 Datasheet HTML 1Page - International Rectifier IRFIB5N65 Datasheet HTML 2Page - International Rectifier IRFIB5N65 Datasheet HTML 3Page - International Rectifier IRFIB5N65 Datasheet HTML 4Page - International Rectifier IRFIB5N65 Datasheet HTML 5Page - International Rectifier IRFIB5N65 Datasheet HTML 6Page - International Rectifier IRFIB5N65 Datasheet HTML 7Page - International Rectifier IRFIB5N65 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRFIB5N65A
www.irf.com
5
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
VDS
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
RG
D.U.T.
10V
+
-VDD
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
Notes:
1. Duty factor D =
t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
25
50
75
100
125
150
0.0
1.0
2.0
3.0
4.0
5.0
6.0
T , Case Temperature
( C)
°
C


Similar Part No. - IRFIB5N65

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFIB5N65A VISHAY-IRFIB5N65A Datasheet
150Kb / 8P
   Power MOSFET
Rev. B, 13-Apr-09
logo
Inchange Semiconductor ...
IRFIB5N65A ISC-IRFIB5N65A Datasheet
319Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFIB5N65A VISHAY-IRFIB5N65A Datasheet
198Kb / 10P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFIB5N65APBF IRF-IRFIB5N65APBF Datasheet
218Kb / 8P
   SMPS MOSFET
logo
Vishay Siliconix
IRFIB5N65A VISHAY-IRFIB5N65A_V01 Datasheet
198Kb / 10P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRFIB5N65

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB9N65A IRF-IRFB9N65A Datasheet
102Kb / 8P
   Power MOSFET(Vdss=650V, Rds(on)max=0.93ohm, Id=8.5A)
IRFR9014 IRF-IRFR9014 Datasheet
177Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-5.1A)
IRFR3704 IRF-IRFR3704 Datasheet
115Kb / 9P
   Power MOSFET(Vdss=20V, Rds(on)max=9.5mohm, Id=75A??
IRF7452 IRF-IRF7452 Datasheet
104Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)max=0.060ohm, Id=4.5A)
IRF830AS IRF-IRF830AS Datasheet
155Kb / 10P
   Power MOSFET(Vdss=500V, Rds(on)max=1.40ohm, Id=5.0A)
IRF3515S IRF-IRF3515S Datasheet
126Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRFP460AS IRF-IRFP460AS Datasheet
115Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
IRFB13N50A IRF-IRFB13N50A Datasheet
97Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.450ohm, Id=14A)
IRFP3703 IRF-IRFP3703 Datasheet
236Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=0.0028ohm, Id=210A??
IRF5801 IRF-IRF5801 Datasheet
120Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=2.2ohm, Id=0.6A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com