Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMO1490A Datasheet(PDF) 2 Page - TEMEX

Part # RMO1490A
Description  Frequency stability over temperature as low
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

RMO1490A Datasheet(HTML) 2 Page - TEMEX

  RMO1490A Datasheet HTML 1Page - TEMEX RMO1490A Datasheet HTML 2Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IC 
 
ww
 
SS
 
Mo
 
Mo
 
OCXO 
| ME
ww.rakon.co
B Phase No
odel Outlin
odel Code B
ERCURY 
  ULT
om 
oise (Typica
ne and Reco
Builder 
TRA 
LOW NO
al value at 2
ommended 
RMS Jit
(12 kHz
ISE 
SERIES 
 
25°C) 
Pad Layout
ter = 140 fs
z ~ 5 MHz) 
 
t 
ssynchronising
RMS Jitte
 
Page 2
g connectivit
 
 
r = 110 fs 
of 2 
ty


Similar Part No. - RMO1490A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
RMOB001AFD SENSORTECHNICS-RMOB001AFD Datasheet
136Kb / 10P
   Precision compensated pressure sensors
RMOB001AFDH SENSORTECHNICS-RMOB001AFDH Datasheet
136Kb / 10P
   Precision compensated pressure sensors
RMOB001AFDP SENSORTECHNICS-RMOB001AFDP Datasheet
136Kb / 10P
   Precision compensated pressure sensors
RMOB001AFM SENSORTECHNICS-RMOB001AFM Datasheet
136Kb / 10P
   Precision compensated pressure sensors
RMOB001AFMH SENSORTECHNICS-RMOB001AFMH Datasheet
136Kb / 10P
   Precision compensated pressure sensors
More results

Similar Description - RMO1490A

ManufacturerPart #DatasheetDescription
logo
TEMEX
RPT7050D TEMEX-RPT7050D Datasheet
245Kb / 2P
   Excellent frequency stability over temperature
RPT7050G TEMEX-RPT7050G Datasheet
256Kb / 2P
   Excellent frequency stability over temperature
logo
TAITIEN ELECTRONICS CO....
XO-0128-X5-TYPE TAITIEN-XO-0128-X5-TYPE Datasheet
244Kb / 1P
   High stability, low temperature frequency coefficient
XO-0126-X8-TYPE TAITIEN-XO-0126-X8-TYPE Datasheet
194Kb / 1P
   High stability, low temperature frequency coefficient
XO-0129-XH-TYPE TAITIEN-XO-0129-XH-TYPE Datasheet
223Kb / 1P
   High stability, low temperature frequency coefficient
XO-0127-X6-TYPE TAITIEN-XO-0127-X6-TYPE Datasheet
188Kb / 1P
   High stability, low temperature frequency coefficient
XO-0125-X7-TYPE TAITIEN-XO-0125-X7-TYPE Datasheet
194Kb / 1P
   High stability, low temperature frequency coefficient
logo
M/A-COM Technology Solu...
XD1008-BD MA-COM-XD1008-BD_15 Datasheet
935Kb / 10P
   Unconditional Stability over Temperature Range
logo
List of Unclassifed Man...
UM7 ETC2-UM7 Datasheet
1Mb / 79P
   Excellent gyro bias stability over temperature
logo
Murata Manufacturing Co...
SCA61T MURATA-SCA61T Datasheet
565Kb / 17P
   Excellent stability over temperature and time
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com