Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFIBC40G Datasheet(PDF) 6 Page - International Rectifier

Part # IRFIBC40G
Description  Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFIBC40G Datasheet(HTML) 6 Page - International Rectifier

  IRFIBC40G Datasheet HTML 1Page - International Rectifier IRFIBC40G Datasheet HTML 2Page - International Rectifier IRFIBC40G Datasheet HTML 3Page - International Rectifier IRFIBC40G Datasheet HTML 4Page - International Rectifier IRFIBC40G Datasheet HTML 5Page - International Rectifier IRFIBC40G Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image


Similar Part No. - IRFIBC40G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFIBC40G VISHAY-IRFIBC40G Datasheet
1Mb / 8P
   Power MOSFET
S-81273-Rev. A, 16-Jun-08
logo
Inchange Semiconductor ...
IRFIBC40G ISC-IRFIBC40G Datasheet
319Kb / 2P
   iscN-Channel MOSFET Transistor
logo
List of Unclassifed Man...
IRFIBC40G ETC2-IRFIBC40G Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Vishay Siliconix
IRFIBC40G VISHAY-IRFIBC40G Datasheet
829Kb / 10P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFIBC40GLC IRF-IRFIBC40GLC Datasheet
229Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A)
More results

Similar Description - IRFIBC40G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFIBC40GLC IRF-IRFIBC40GLC Datasheet
229Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A)
IRFBC40S IRF-IRFBC40S Datasheet
350Kb / 10P
   Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.2A)
IRFPC40 IRF-IRFPC40 Datasheet
168Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.8A)
IRFBC40A IRF-IRFBC40A Datasheet
97Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)max=1.2ohm, Id=6.2A)
IRFBC40AS IRF-IRFBC40AS Datasheet
111Kb / 9P
   Power MOSFET(Vdss=600V, Rds(on)max=1.2ohm, Id=6.2A)
IRFBC40PBF IRF-IRFBC40PBF Datasheet
3Mb / 7P
   HEXFET POWER MOSFET (VDSS=600V , RDS(on)=1.2Ohm , ID=6.2A)
IRF9510S IRF-IRF9510S Datasheet
176Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRF9510 IRF-IRF9510 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRFR9110 IRF-IRFR9110 Datasheet
172Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-3.1A)
IRFD9110 IRF-IRFD9110 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-0.70A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com