Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR6PM-12B Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # CR6PM-12B
Description  Thyristor Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR6PM-12B Datasheet(HTML) 2 Page - Renesas Technology Corp

  CR6PM-12B_15 Datasheet HTML 1Page - Renesas Technology Corp CR6PM-12B_15 Datasheet HTML 2Page - Renesas Technology Corp CR6PM-12B_15 Datasheet HTML 3Page - Renesas Technology Corp CR6PM-12B_15 Datasheet HTML 4Page - Renesas Technology Corp CR6PM-12B_15 Datasheet HTML 5Page - Renesas Technology Corp CR6PM-12B_15 Datasheet HTML 6Page - Renesas Technology Corp CR6PM-12B_15 Datasheet HTML 7Page - Renesas Technology Corp CR6PM-12B_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CR6PM-12B
Preliminary
R07DS0120EJ0100 Rev.1.00
Page 2 of 7
Sep 03, 2010
Parameter
Symbol
Ratings
Unit
Conditions
RMS on-state current
IT (RMS)
9.4
A
Average on-state current
IT (AV)
6
A
Commercial frequency, sine half wave
180° conduction, Tc = 110°C
Surge on-state current
ITSM
90
A
60Hz sine half wave 1 full cycle,
peak value, non-repetitive
I
2t for fusing
I
2t
34
A
2s
Value corresponding to 1 cycle of half
wave 60Hz, surge on-state current
Peak gate power dissipation
PGM
5
W
Average gate power dissipation
PG (AV)
0.5
W
Peak gate forward voltage
VFGM
6
V
Peak gate reverse voltage
VRGM
10
V
Peak gate forward current
IFGM
2
A
Junction temperature
Tj
– 40 to +150
°C
Storage temperature
Tstg
– 40 to +150
°C
Mass
2.0
g
Typical value
Isolation voltage
Viso
2000
V
Ta = 25°C, AC 1 minute,
each terminal to case
Electrical Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Repetitive peak reverse current
IRRM
2.0/5.0
mA
Tj = 125°C/150°C, VRRM applied
Repetitive peak off-state current
IDRM
2.0/5.0
mA
Tj = 125°C/150°C, VDRM applied
On-state voltage
VTM
1.7
V
Tc = 25°C, ITM = 20 A,
instantaneous value
Gate trigger voltage
VGT
1.0
V
Tj = 25°C, VD = 6 V, IT = 1 A
Gate non-trigger voltage
VGD
0.2/0.1
V
Tj = 125°C/150°C, VD = 1/2 VDRM
Gate trigger current
IGT
10
mA
Tj = 25°C, VD = 6 V, IT = 1 A
Holding current
IH
15
mA
Tj = 25°C, VD = 12 V
Thermal resistance
Rth (j-c)
4.0
C/W
Junction to case
Note1
Notes: 1. The contact thermal resistance Rth (c-f) in case of greasing is 0.5°C/W.


Similar Part No. - CR6PM-12B_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR6PM-12B RENESAS-CR6PM-12B Datasheet
84Kb / 8P
   Thyristor Medium Power Use
More results

Similar Description - CR6PM-12B_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR6KM-12A RENESAS-CR6KM-12A Datasheet
107Kb / 7P
   Thyristor Medium Power Use
CR8PM-12A RENESAS-CR8PM-12A_15 Datasheet
92Kb / 7P
   Thyristor Medium Power Use
CR8PM-12B RENESAS-CR8PM-12B Datasheet
80Kb / 8P
   Thyristor Medium Power Use
CR12CS-16B RENESAS-CR12CS-16B_15 Datasheet
119Kb / 9P
   Thyristor Medium Power Use
CR6PM-12G RENESAS-CR6PM-12G Datasheet
101Kb / 8P
   Thyristor Medium Power Use
CR6LM-12B RENESAS-CR6LM-12B_15 Datasheet
84Kb / 8P
   Thyristor Medium Power Use
CR12LM-12B RENESAS-CR12LM-12B_15 Datasheet
85Kb / 7P
   Thyristor Medium Power Use
CR8PM-12B RENESAS-CR8PM-12B_15 Datasheet
80Kb / 8P
   Thyristor Medium Power Use
CR12LM-12B RENESAS-CR12LM-12B Datasheet
85Kb / 7P
   Thyristor Medium Power Use
CR8CM-12B RENESAS-CR8CM-12B_13 Datasheet
127Kb / 9P
   Thyristor Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com