Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFIZ34N Datasheet(PDF) 2 Page - International Rectifier

Part # IRFIZ34N
Description  Power MOSFET(Vdss=55V, Rds(on)=0.04ohm, Id=21A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFIZ34N Datasheet(HTML) 2 Page - International Rectifier

  IRFIZ34N Datasheet HTML 1Page - International Rectifier IRFIZ34N Datasheet HTML 2Page - International Rectifier IRFIZ34N Datasheet HTML 3Page - International Rectifier IRFIZ34N Datasheet HTML 4Page - International Rectifier IRFIZ34N Datasheet HTML 5Page - International Rectifier IRFIZ34N Datasheet HTML 6Page - International Rectifier IRFIZ34N Datasheet HTML 7Page - International Rectifier IRFIZ34N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRFIZ34N
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.052 –––
V/°C
Reference to 25°C, ID = 1mA
†
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
0.04
VGS = 10V, ID = 11A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
6.5
–––
–––
S
VDS = 25V, ID = 16A
†
–––
–––
25
µA
VDS = 55V, VGS = 0V
–––
–––
250
VDS = 44V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -20V
Qg
Total Gate Charge
–––
–––
34
ID = 16A
Qgs
Gate-to-Source Charge
–––
–––
6.8
nC
VDS = 44V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
14
VGS = 10V, See Fig. 6 and 13
„†
td(on)
Turn-On Delay Time
–––
7.0
–––
VDD = 28V
tr
Rise Time
–––
49
–––
ID = 16A
td(off)
Turn-Off Delay Time
–––
31
–––
RG = 18
tf
Fall Time
–––
40
–––
RD = 1.8Ω, See Fig. 10
„†
Between lead,
–––
–––
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
700
–––
VGS = 0V
Coss
Output Capacitance
–––
240
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
100
–––
ƒ = 1.0MHz, See Fig. 5
†
C
Drain to Sink Capacitance
–––
12
–––
ƒ = 1.0MHz
nH
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
LD
Internal Drain Inductance
LS
Internal Source Inductance
–––
–––
S
D
G
IGSS
ns
4.5
7.5
IDSS
Drain-to-Source Leakage Current
pF
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
‚ VDD = 25V, starting TJ = 25°C, L = 610µH
RG = 25Ω, IAS = 16A. (See Figure 12)
… t=60s, ƒ=60Hz
ƒ ISD ≤ 16A, di/dt ≤ 420A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
† Uses IRFZ34N data and test conditions
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)
†
–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.6
V
TJ = 25°C, IS = 11A, VGS = 0V
„
trr
Reverse Recovery Time
–––
57
86
ns
TJ = 25°C, IF = 16A
Qrr
Reverse RecoveryCharge
–––
130
200
µC
di/dt = 100A/µs
„†
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
A
21
100


Similar Part No. - IRFIZ34N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFIZ34N ISC-IRFIZ34N Datasheet
260Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFIZ34NPBF IRF-IRFIZ34NPBF Datasheet
270Kb / 9P
   HEXFET짰 Power MOSFET
IRFIZ34NPBF IRF-IRFIZ34NPBF Datasheet
271Kb / 9P
   ADVANCED PROCESS TECHNOLOGY
IRFIZ34NPBF IRF-IRFIZ34NPBF_15 Datasheet
271Kb / 9P
   ADVANCED PROCESS TECHNOLOGY
More results

Similar Description - IRFIZ34N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP260N IRF-IRFP260N Datasheet
122Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.04ohm, Id=50A)
IRF3315S IRF-IRF3315S Datasheet
197Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)=0.082ohm, Id=21A)
IRFI1310G IRF-IRFI1310G Datasheet
361Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.04ohm, Id=22A)
IRF1310S IRF-IRF1310S Datasheet
361Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.04ohm, Id=41A)
IRFIZ34E IRF-IRFIZ34E Datasheet
114Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=0.042ohm, Id=21A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
   Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
   Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFP054N IRF-IRFP054N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A??
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com