Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFIZ34V Datasheet(PDF) 4 Page - International Rectifier

Part # IRFIZ34V
Description  Power MOSFET(Vdss=60V, Rds(on)=28mohm, Id=20A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFIZ34V Datasheet(HTML) 4 Page - International Rectifier

  IRFIZ34V Datasheet HTML 1Page - International Rectifier IRFIZ34V Datasheet HTML 2Page - International Rectifier IRFIZ34V Datasheet HTML 3Page - International Rectifier IRFIZ34V Datasheet HTML 4Page - International Rectifier IRFIZ34V Datasheet HTML 5Page - International Rectifier IRFIZ34V Datasheet HTML 6Page - International Rectifier IRFIZ34V Datasheet HTML 7Page - International Rectifier IRFIZ34V Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRFIZ34V
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
1
10
100
0
400
800
1200
1600
2000
V
, Drain-to-Source Voltage (V)
DS
V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GS
iss
gs
gd ,
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
0
10
20
30
40
50
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G
FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
30A
V
= 12V
DS
V
= 30V
DS
V
= 48V
DS
0.1
1
10
100
1000
0.0
0.4
0.8
1.2
1.6
2.0
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 175 C
J
°
1
10
100
1000
1
10
100
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 175 C
= 25 C
°
°
J
C
V
, Drain-to-Source Voltage (V)
DS
10us
100us
1ms
10ms


Similar Part No. - IRFIZ34V

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFIZ34VPBF IRF-IRFIZ34VPBF Datasheet
214Kb / 8P
   Advanced Process Technology
More results

Similar Description - IRFIZ34V

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP460 IRF-IRFP460 Datasheet
163Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
IRFP460P IRF-IRFP460P Datasheet
174Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
IRFP240 IRF-IRFP240 Datasheet
165Kb / 6P
   Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=20A)
IRFP460LC IRF-IRFP460LC Datasheet
338Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
IRFI540N IRF-IRFI540N Datasheet
131Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.052ohm, Id=20A)
IRFD9014 IRF-IRFD9014 Datasheet
177Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.1A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
IRFZ44VZ IRF-IRFZ44VZ Datasheet
298Kb / 12P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
IRFD9024 IRF-IRFD9024 Datasheet
178Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-1.6A)
IRFL9014 IRF-IRFL9014 Datasheet
222Kb / 8P
   Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.8A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com