Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFIZ44N Datasheet(PDF) 8 Page - International Rectifier

Part # IRFIZ44N
Description  Power MOSFET(Vdss=55V, Rds(on)=0.024ohm, Id=31A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFIZ44N Datasheet(HTML) 8 Page - International Rectifier

  IRFIZ44N Datasheet HTML 1Page - International Rectifier IRFIZ44N Datasheet HTML 2Page - International Rectifier IRFIZ44N Datasheet HTML 3Page - International Rectifier IRFIZ44N Datasheet HTML 4Page - International Rectifier IRFIZ44N Datasheet HTML 5Page - International Rectifier IRFIZ44N Datasheet HTML 6Page - International Rectifier IRFIZ44N Datasheet HTML 7Page - International Rectifier IRFIZ44N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRFIZ44N
PART NU M BER
IN TE R NA T ION A L
R EC T IF IER
LO GO
E X AM PLE : T HI S IS A N IRF 1010
W IT H ASSEMBL Y
L O T CO DE 9 B 1 M
ASSEM B L Y
LO T
CO DE
DA TE CODE
(Y YWW)
YY = YEAR
WW = WE EK
9246
IR F 1010
9B
1M
A
Part Marking Information
TO-220 Fullpak
Package Outline
TO-220 Fullpak Outline
Dimensions are shown in millimeters (inches)
L EA D AS SIGN M EN T S
1 - GA T E
2 - D R AIN
3 - SO URCE
NO T ES :
1 DIME NSION ING & TO LER ANCING
PE R A N SI Y1 4.5M , 1982
2 CO NTROLL IN G DIMEN SION: INCH.
D
C
A
B
MINIMUM CRE EP AG E
DIST A NCE B ETW E EN
A -B -C -D = 4.80 (.189 )
3X
2.85 (.1 12)
2.65 (.1 04)
2.80 (.110)
2.60 (.102)
4.80 (.189 )
4.60 (.181 )
7.10 (.280 )
6.70 (.263 )
3 .40 (.1 33)
3 .10 (.1 23)
ø
- A -
3.7 0 (.145)
3.2 0 (.126)
1.15 (.045)
M IN .
3.30 (.130)
3.10 (.122)
- B -
0.90 (.035 )
0.70 (.028 )
3X
0.25 (.010)
M
A M
B
2 .5 4 (.100)
2X
3X
13 .7 0 (.540)
13 .5 0 (.530)
16 .0 0 (.630)
15 .8 0 (.622)
1
2
3
10.60 (.417 )
10.40 (.409 )
1.40 (.05 5)
1.05 (.04 2)
0.48 (.019 )
0.44 (.017 )
PA RT NU MBE R
INT ER NAT IONA L
RE CTIF IER
L OGO
D ATE CODE
(YYW W )
YY = YE AR
WW = WE EK
AS SE MBL Y
L OT
COD E
E 401 9245
IRF I840G
E XAM PL E : T HIS IS A N IRF I840G
W ITH AS SE MBL Y
LOT CODE E4 01
A
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371
http://www.irf.com/
Data and specifications subject to change without notice.
8/97


Similar Part No. - IRFIZ44N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFIZ44N ISC-IRFIZ44N Datasheet
260Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFIZ44NPBF IRF-IRFIZ44NPBF Datasheet
262Kb / 8P
   HEXFET Power MOSFET
IRFIZ44NPBF IRF-IRFIZ44NPBF Datasheet
271Kb / 9P
   ADVANCED PROCESS TECHNOLOGY
logo
Infineon Technologies A...
IRFIZ44NPBF INFINEON-IRFIZ44NPBF Datasheet
508Kb / 9P
   Advanced Process Technology
2017-04-27
logo
International Rectifier
IRFIZ44NPBF IRF-IRFIZ44NPBF_15 Datasheet
271Kb / 9P
   ADVANCED PROCESS TECHNOLOGY
More results

Similar Description - IRFIZ44N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5305 IRF-IRF5305 Datasheet
124Kb / 8P
   Power MOSFET(Vdss=-55V, Rds(on)=0.06ohm, Id=-31A)
IRFRU5305 IRF-IRFRU5305 Datasheet
156Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.065ohm, Id=-31A)
IRF5305S IRF-IRF5305S Datasheet
171Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.06ohm, Id=-31A)
IRF5N4905 IRF-IRF5N4905 Datasheet
119Kb / 7P
   POWER MOSFET P-CHANNEL(Vdss=-55V, Rds(on)=0.024ohm, Id=-55A*)
IRFR5305PBF IRF-IRFR5305PBF Datasheet
248Kb / 11P
   HEXFET짰 Power MOSFET ( VDSS = -55V , RDS(on) = 0.065廓 , ID = -31A )
IRFZ46 IRF-IRFZ46 Datasheet
165Kb / 6P
   Power MOSFET(Vdss=50V, Rds(on)=0.024ohm, Id=50*A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
   Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
   Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com