Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFL210 Datasheet(PDF) 6 Page - International Rectifier

Part # IRFL210
Description  Power MOSFET(Vdss=200V, Rds(on)=1.5ohm, Id=0.96A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFL210 Datasheet(HTML) 6 Page - International Rectifier

  IRFL210 Datasheet HTML 1Page - International Rectifier IRFL210 Datasheet HTML 2Page - International Rectifier IRFL210 Datasheet HTML 3Page - International Rectifier IRFL210 Datasheet HTML 4Page - International Rectifier IRFL210 Datasheet HTML 5Page - International Rectifier IRFL210 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image


Similar Part No. - IRFL210

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFL210 VISHAY-IRFL210 Datasheet
1Mb / 8P
   Power MOSFET
S-81377-Rev. A, 30-Jun-08
logo
Kersemi Electronic Co.,...
IRFL210 KERSEMI-IRFL210 Datasheet
1Mb / 7P
   Surface Mount
logo
Vishay Siliconix
IRFL210 VISHAY-IRFL210 Datasheet
171Kb / 8P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFL210PBF IRF-IRFL210PBF Datasheet
782Kb / 9P
   HEXFET짰 Power MOSFET
logo
Vishay Siliconix
IRFL210PBF VISHAY-IRFL210PBF Datasheet
1Mb / 8P
   Power MOSFET
S-81377-Rev. A, 30-Jun-08
More results

Similar Description - IRFL210

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFD210 IRF-IRFD210 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=200V, Rds(on)=1.5ohm, Id=0.60A)
IRF9620S IRF-IRF9620S Datasheet
165Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-3.5A)
IRFI9620G IRF-IRFI9620G Datasheet
169Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-3.0A)
IRFR210 IRF-IRFR210 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=200V, Rds(on)=1.5ohm, Id=2.6A)
IRFR9220 IRF-IRFR9220 Datasheet
169Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-3.6A)
IRFD9220 IRF-IRFD9220 Datasheet
172Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-0.56A)
IRF9620 IRF-IRF9620 Datasheet
160Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-3.5A)
IRC830 IRF-IRC830 Datasheet
222Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A)
IRF830S IRF-IRF830S Datasheet
175Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A)
IRFI830G IRF-IRFI830G Datasheet
170Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=3.1A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com