Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTB06-600BW Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # BTB06-600BW
Description  6A TRIACS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

BTB06-600BW Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  BTB06-600BW Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. BTB06-600BW Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. BTB06-600BW Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. BTB06-600BW Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. BTB06-600BW Datasheet HTML 5Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
6A TRIACS
MAIN FEATURES:
DESCRIPTION
Suitable for AC switching operations, the BTA/
BTB06 series can be used as an ON/OFF function
in applications such as static relays, heating
regulation, induction motor starting circuits... or for
phase control in light dimmers, motor speed
controllers,...
The snubberless and logic level versions (BTA/
BTB...W) are specially recommended for use on
inductive loads, thanks to their high commutation
performances. By using an internal ceramic pad,
the BTA series provides voltage insulated tab
(rated
at
2500V
RMS)
complying
with
UL
standards (File ref.: E81734)
Symbol
Value
Unit
IT(RMS)
6A
VDRM/VRRM
600 and 800
V
IG (Q
1)
5 to 50
mA
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (full sine wave)
TO-220AB
Tc = 110°C
6
A
TO-220AB Ins.
Tc = 105°C
ITSM
Non repetitive surge peak on-state
current (full cycle, Tj initial = 25°C)
F = 50 Hz
t = 20 ms
60
A
F = 60 Hz
t = 16.7 ms
63
I²tI²t Value for fusing
tp = 10 ms
21
A²s
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 120 Hz
Tj = 125°C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
4
A
PG(AV)
Average gate power dissipation
Tj = 125°C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
G
A2
A1
TO-220AB
(BTB06)
TO-220AB Insulated
(BTA06)
BTA/BTB06 Series
2014-6-9
1
www.kersemi.com


Similar Part No. - BTB06-600BW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB06-600BW STMICROELECTRONICS-BTB06-600BW Datasheet
65Kb / 6P
   SNUBBERLESS?? LOGIC LEVEL & STANDARD
logo
HAOPIN MICROELECTRONICS...
BTB06-600BW HAOPIN-BTB06-600BW Datasheet
423Kb / 5P
   Blocking voltage to 600 V
logo
STMicroelectronics
BTB06-600BWRG STMICROELECTRONICS-BTB06-600BWRG Datasheet
65Kb / 6P
   SNUBBERLESS?? LOGIC LEVEL & STANDARD
BTB06-600BWRG STMICROELECTRONICS-BTB06-600BWRG Datasheet
76Kb / 7P
   6A TRIACS
More results

Similar Description - BTB06-600BW

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BTB06-700B KERSEMI-BTB06-700B Datasheet
1Mb / 5P
   6A TRIACS
BTB06-600SW KERSEMI-BTB06-600SW Datasheet
1Mb / 5P
   6A TRIACS
logo
Unisonic Technologies
BTB06 UTC-BTB06_15 Datasheet
164Kb / 3P
   6A TRIACS
logo
Tiger Electronic Co.,Lt...
T610-600B-TR TGS-T610-600B-TR Datasheet
138Kb / 1P
   6A TRIACS
BTA06-800C TGS-BTA06-800C Datasheet
66Kb / 1P
   6A TRIACS
BTA06-600BF TGS-BTA06-600BF Datasheet
62Kb / 1P
   6A TRIACS
T610-600G-TR TGS-T610-600G-TR Datasheet
169Kb / 1P
   6A TRIACS
logo
Unisonic Technologies
BTB06A UTC-BTB06A Datasheet
162Kb / 4P
   6A TRIACS
BTA06 UTC-BTA06 Datasheet
164Kb / 3P
   6A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA06-800B TGS-BTA06-800B Datasheet
217Kb / 1P
   6A TRIACS
logo
Unisonic Technologies
BTB06 UTC-BTB06 Datasheet
164Kb / 3P
   6A TRIACS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com