Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFM260 Datasheet(PDF) 7 Page - International Rectifier

Part # IRFM260
Description  TRANSISTOR N-CHANNEL(BVdss=200V, Rds(on)=0.060ohm, Id=35A*)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFM260 Datasheet(HTML) 7 Page - International Rectifier

  IRFM260 Datasheet HTML 1Page - International Rectifier IRFM260 Datasheet HTML 2Page - International Rectifier IRFM260 Datasheet HTML 3Page - International Rectifier IRFM260 Datasheet HTML 4Page - International Rectifier IRFM260 Datasheet HTML 5Page - International Rectifier IRFM260 Datasheet HTML 6Page - International Rectifier IRFM260 Datasheet HTML 7Page - International Rectifier IRFM260 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRFM260
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
+
-
+
+
+
-
-
-
Fig 14. For N-Channel HEXFETS
* VGS = 5V for Logic Level Devices
Peak Diode Recovery dv/dt Test Circuit
ƒ
„
‚
RG
VDD
• dv/dt controlled by R
G
• Driver same type as D.U.T.
• I
SD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer

*
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - IRFM260

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFM260 IRF-IRFM260 Datasheet
189Kb / 7P
   Simple Drive Requirements
IRFM260 IRF-IRFM260_15 Datasheet
189Kb / 7P
   Simple Drive Requirements
More results

Similar Description - IRFM260

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFV260 IRF-IRFV260 Datasheet
175Kb / 4P
   TRANSISTOR N-CHANNEL(Vdss=200V, Rds(on)=0.060ohm, Id=45A*)
IRFI260 IRF-IRFI260 Datasheet
135Kb / 4P
   TRANSISTOR N-CHANNEL(Vdss=200V, Rds(on)=0.060ohm, Id=45A*)
IRHM7264SE IRF-IRHM7264SE Datasheet
121Kb / 4P
   TRANSISTOR N-CHANNEL(BVdss=250V, Rds(on)=0.087ohm, Id=35A*)
IRHN7250 IRF-IRHN7250 Datasheet
587Kb / 14P
   TRANSISTOR N-CHANNEL(BVdss=200V, Rds(on)=0.10ohm, Id=26A)
IRHN7230 IRF-IRHN7230 Datasheet
513Kb / 14P
   TRANSISTOR N-CHANNEL(BVdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRHM9064 IRF-IRHM9064 Datasheet
151Kb / 4P
   TRANSISTOR P-CHANNEL(BVdss=-60V, Rds(on)=0.060ohm, Id=-35*A)
IRFN150 IRF-IRFN150 Datasheet
217Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.060ohm, Id=34A)
IRHM9230 IRF-IRHM9230 Datasheet
201Kb / 4P
   TRANSISTOR P-CHANNEL(BVdss=-200V, Rds(on)=0.8ohm, Id=-6.5A)
IRH9230 IRF-IRH9230 Datasheet
154Kb / 4P
   TRANSISTOR P-CHANNEL(BVdss=-200V, Rds(on)=0.8ohm, Id=-6.5A)
IRHN9230 IRF-IRHN9230 Datasheet
120Kb / 4P
   TRANSISTOR P-CHANNEL(BVdss=-200V, Rds(on)=0.8ohm, Id=-6.5A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com