Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P586006VGA Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P586006VGA
Description  Mini DisplayPort to VGA Cable Adapter (M-M), 6-f
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P586006VGA Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P586006VGA Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P586006VGA Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mini DisplayPort to VGA Cable Adapter (M/M), 6-ft.
MODEL NUMBER: P586-006-VGA
Description
Tripp Lite P586-006-VGA allows you to connect a desktop or laptop computer with Mini Displayport video port, to a VGA monitor. All in one 6ft design requires
no additional adapters or software....plug-and-play. Resolution support up to 1920x1200.
Features
6ft Mini Displayport Male to VGA Male cable
1920x1200 resolution
Specifications
OVERVIEW
Chromebook Compatible
No
Style
Monitor Cable
Display Style
Cable
Model Type
VGA
Cable Types
DISPLAYPORT
INPUT
Cable Length (ft.)
6
Cable Length (m)
1.83
PHYSICAL
Color
Black
Highlights
Connect a Mini Displayport
computer port to a VGA monitor
System Requirements
VGA Monitor
Computer with Mini Displayport
Package Includes
6ft Mini Displayport to VGA
Cable, M/M
1 / 2


Similar Part No. - P586006VGA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P586006DVI TRIPPLITE-P586006DVI Datasheet
498Kb / 2P
   Mini DisplayPort to DVI Cable Adapter (M-M), 6-ft
P586006HDMI TRIPPLITE-P586006HDMI Datasheet
501Kb / 2P
   Mini DisplayPort to HD Cable Adapter (M-M), 6-ft
More results

Similar Description - P586006VGA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P586-006-VGA TRIPPLITE-P586-006-VGA Datasheet
161Kb / 2P
   Mini DisplayPort to Active VGA Cable Adapter (M/M), 6-ft.
P13406NVGA TRIPPLITE-P13406NVGA Datasheet
493Kb / 2P
   DisplayPort to VGA Cable Adapter, 1920x1200-1080p (M-F), 6-in
P586-006-VGA-V2 TRIPPLITE-P586-006-VGA-V2_V01 Datasheet
25Kb / 3P
   Mini DisplayPort 1.2 to VGA Active Adapter Cable (M/M), 6 ft. (1.8 m)
P134-06N-VGA TRIPPLITE-P134-06N-VGA Datasheet
158Kb / 2P
   DisplayPort to VGA Active Cable Adapter, 1920x1200/1080p (M/F), 6-in.
P586-006-DVI TRIPPLITE-P586-006-DVI Datasheet
162Kb / 2P
   Mini DisplayPort to DVI Cable Adapter (M/M), 6-ft.
P586006DVI TRIPPLITE-P586006DVI Datasheet
498Kb / 2P
   Mini DisplayPort to DVI Cable Adapter (M-M), 6-ft
P586006HDMI TRIPPLITE-P586006HDMI Datasheet
501Kb / 2P
   Mini DisplayPort to HD Cable Adapter (M-M), 6-ft
P13906NDP TRIPPLITE-P13906NDP Datasheet
473Kb / 2P
   Mini DisplayPort to DisplayPort Cable Adapter,Video Converter, 2560x1600 (M-F)
P583006 TRIPPLITE-P583006 Datasheet
474Kb / 2P
   Mini DisplayPort to DisplayPort Cable (M-M), 6-ft
P581006VGA TRIPPLITE-P581006VGA Datasheet
503Kb / 2P
   DisplayPort to VGA Cable, Displayport with Latches to HD-15 Adapter (M-M), 6-ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com