Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA24-800C Datasheet(PDF) 10 Page - Kersemi Electronic Co., Ltd.

Part # BTA24-800C
Description  Snuberrless and Standard 25 A Triacs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

BTA24-800C Datasheet(HTML) 10 Page - Kersemi Electronic Co., Ltd.

Back Button BTA24-800C Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. BTA24-800C Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. BTA24-800C Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. BTA24-800C Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. BTA24-800C Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. BTA24-800C Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. BTA24-800C Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. BTA24-800C Datasheet HTML 10Page - Kersemi Electronic Co., Ltd. BTA24-800C Datasheet HTML 11Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
15.20
15.90 0.598
0.625
a1
3.75
0.147
a2
13.00
14.00 0.511
0.551
B
10.00
10.40 0.393
0.409
b1
0.61
0.88
0.024
0.034
b2
1.23
1.32
0.048
0.051
C
4.40
4.60
0.173
0.181
c1
0.49
0.70
0.019
0.027
c2
2.40
2.72
0.094
0.107
e
2.40
2.70
0.094
0.106
F
6.20
6.60
0.244
0.259
ØI
3.75
3.85
0.147
0.151
I4
15.80 16.40 16.80 0.622 0.646 0.661
L
2.65
2.95
0.104
0.116
l2
1.14
1.70
0.044
0.066
l3
1.14
1.70
0.044
0.066
M
2.60
0.102
C
b2
c2
F
Ø I
L
A
a1
a2
B
e
b1
I4
l3
l2
c1
M
BTA24, BTB24, BTA25, BTA26
and T25 series
Table 10.
TO-220AB (Insulated and non-insulated) Package dimensions
2014-6-16
www.kersemi.com
10


Similar Part No. - BTA24-800C

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
BTA24-800CRG UMW-BTA24-800CRG Datasheet
762Kb / 6P
   vacuum cleaners, power tools and other motor speed controllers; solid state relays; heating controllers (temperature regulation); other phase control circuits.
logo
STMicroelectronics
BTA24-800CW STMICROELECTRONICS-BTA24-800CW Datasheet
137Kb / 12P
   25A TRIACS
logo
Kersemi Electronic Co.,...
BTA24-800CW KERSEMI-BTA24-800CW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
logo
Inchange Semiconductor ...
BTA24-800CW ISC-BTA24-800CW Datasheet
201Kb / 1P
   isc Triacs
logo
STMicroelectronics
BTA24-800CWRG STMICROELECTRONICS-BTA24-800CWRG Datasheet
133Kb / 12P
   25 A standard and Snubberless triacs
More results

Similar Description - BTA24-800C

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BTA25-700B KERSEMI-BTA25-700B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA25-600BW KERSEMI-BTA25-600BW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-800CW KERSEMI-BTA26-800CW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-600B KERSEMI-BTA26-600B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA24-800B KERSEMI-BTA24-800B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-800B KERSEMI-BTA26-800B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA24-600CW KERSEMI-BTA24-600CW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTB24-800CW KERSEMI-BTB24-800CW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA25-800B KERSEMI-BTA25-800B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-800BW KERSEMI-BTA26-800BW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-700B KERSEMI-BTA26-700B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com