Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFN350 Datasheet(PDF) 4 Page - International Rectifier

Part # IRFN350
Description  POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=0.315ohm, Id=14A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFN350 Datasheet(HTML) 4 Page - International Rectifier

  IRFN350 Datasheet HTML 1Page - International Rectifier IRFN350 Datasheet HTML 2Page - International Rectifier IRFN350 Datasheet HTML 3Page - International Rectifier IRFN350 Datasheet HTML 4Page - International Rectifier IRFN350 Datasheet HTML 5Page - International Rectifier IRFN350 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IRFN350 Device
Fig. 10b — Switching Time Waveforms
Fig. 10a — Switching Time Test Circuit
Fig. 9 — Maximum Drain Current Vs. Case Temperature
Fig. 7 — Typical Source-to-Drain Diode Forward
Voltage
1
10
100
1000
10
100
1000
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 150 C
= 25 C
°
°
J
C
V
, Drain-to-Source Voltage (V)
DS
10us
100us
1ms
10ms
Fig. 8 — Maximum Safe Operating Area
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - IRFN350

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFN350 IRF-IRFN350 Datasheet
276Kb / 7P
   Simple Drive Requirements
IRFN350 IRF-IRFN350_15 Datasheet
276Kb / 7P
   Simple Drive Requirements
More results

Similar Description - IRFN350

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANTX2N6768 IRF-JANTX2N6768 Datasheet
233Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=0.300ohm, Id=14A)
IRH9250 IRF-IRH9250 Datasheet
163Kb / 4P
   TRANSISTOR P-CHANNEL(BVdss=-200V, Rds(on)=0.315ohm, Id=-14A)
JANTX2N6756 IRF-JANTX2N6756 Datasheet
236Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=14A)
JANTX2N6760 IRF-JANTX2N6760 Datasheet
234Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=1.00ohm, Id=5.5A)
JANTX2N6786 IRF-JANTX2N6786 Datasheet
230Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=3.6ohm, Id=1.25A)
IRFY340CM IRF-IRFY340CM Datasheet
275Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=0.55ohm, Id=8.7A)
IRFN340 IRF-IRFN340 Datasheet
211Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=0.55ohm, Id=10A)
JANTX2N6800 IRF-JANTX2N6800 Datasheet
230Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=1.0ohm, Id=3.0A)
IRHM7360SE IRF-IRHM7360SE Datasheet
146Kb / 4P
   TRANSISTOR N-CHANNEL(BVdss=400V, Rds(on)=0.20ohm, Id=22A)
IRHI7360SE IRF-IRHI7360SE Datasheet
112Kb / 4P
   TRANSISTOR N-CHANNEL(BVdss=400V, Rds(on)=0.20ohm, Id=24.3A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com