Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFNG40 Datasheet(PDF) 2 Page - International Rectifier

Part # IRFNG40
Description  POWER MOSFET N-CHANNEL(BVdss=1000V, Rds(on)=3.5ohm, Id=3.9A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFNG40 Datasheet(HTML) 2 Page - International Rectifier

  IRFNG40 Datasheet HTML 1Page - International Rectifier IRFNG40 Datasheet HTML 2Page - International Rectifier IRFNG40 Datasheet HTML 3Page - International Rectifier IRFNG40 Datasheet HTML 4Page - International Rectifier IRFNG40 Datasheet HTML 5Page - International Rectifier IRFNG40 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Thermal Resistance
Parameter
Min. Typ. Max. Units
Test Conditions
RthJC
Junction-to-Case
1.0
RthJPCB
Junction-to-PC Board
TBD
K/W
Soldered to a copper clad PC board
Source-Drain Diode Ratings and Characteristics
Parameter
Min. Typ. Max. Units
Test Conditions
IS
Continuous Source Current (Body Diode)
3.9
Modified MOSFET symbol showing the
ISM
Pulse Source Current (Body Diode) Œ
15.6
integral reverse p-n junction rectifier.
VSD
Diode Forward Voltage
1.8
V
Tj = 25°C, IS = 3.9A, VGS = 0V 
trr
Reverse Recovery Time
1000
ns
Tj = 25°C, IF = 3.9A, di/dt ≤ 100A/µs
QRR
Reverse Recovery Charge
5.6
µCVDD ≤ 50V 
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min.
Typ. Max. Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
1000
V
VGS = 0V, ID = 1.0 mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
1.4
V/°C
Reference to 25°C, ID = 1.0 mA
Voltage
RDS(on)
Static Drain-to-Source
3.5
VGS = 10V, ID = 2.5A
On-State Resistance
4.2
VGS = 10V, ID = 3.9A
VGS(th)
Gate Threshold Voltage
2.0
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
3.3
S ( )VDS > 15V, IDS = 2.5A 
IDSS
Zero Gate Voltage Drain Current
25
VDS = 0.8 x Max Rating,VGS = 0V
250
VDS = 0.8 x Max Rating
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -20V
Qg
Total Gate Charge
51
120
VGS =10V, ID = 3.9A
Qgs
Gate-to-Source Charge
5.4
12
VDS = Max. Rating x 0.5
Qgd
Gate-to-Drain (“Miller”) Charge
29
66
see figures 6 and 13
td(on)
Turn-On Delay Time
30
VDD = 500V, ID = 3.9A,
tr
Rise Time
50
RG = 9.1Ω, VGS = 10V
td(off)
Turn-Off Delay Time
170
tf
Fall Time
50
see figure 10
LD
Internal Drain Inductance
2.0
LS
Internal Source Inductance
6.5
Ciss
Input Capacitance
1700
VGS = 0V, VDS = 25V
Coss
Output Capacitance
250
f = 1.0 MHz
Crss
Reverse Transfer Capacitance
100
see figure 5
IRFNG40 Device

µA
nC
pF
nH
ns
Measured from the
drain lead, 6mm (0.25
in.) from package to
center of die.
Measured from the
source lead, 6mm
(0.25 in.) from package
to source bonding pad.
Modified MOSFET
symbol showing the
internal inductances.
nA
A
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRFNG40

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFNG40 IRF-IRFNG40 Datasheet
502Kb / 7P
   Simple Drive Requirements
IRFNG40 IRF-IRFNG40_15 Datasheet
502Kb / 7P
   Simple Drive Requirements
More results

Similar Description - IRFNG40

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFNG50 IRF-IRFNG50 Datasheet
213Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=1000V, Rds(on)=2.0ohm, Id=5.5A)
IRFPG40 IRF-IRFPG40 Datasheet
167Kb / 6P
   Power MOSFET(Vdss=1000V, Rds(on)=3.5ohm, Id=4.3A)
JANTX2N6760 IRF-JANTX2N6760 Datasheet
234Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=1.00ohm, Id=5.5A)
IRFN044 IRF-IRFN044 Datasheet
211Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=60V, Rds(on)=0.040ohm, Id=44A)
JANTX2N6756 IRF-JANTX2N6756 Datasheet
236Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=14A)
JANTX2N6782 IRF-JANTX2N6782 Datasheet
232Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.60ohm, Id=3.5A)
JANTX2N6786 IRF-JANTX2N6786 Datasheet
230Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=3.6ohm, Id=1.25A)
IRFN150 IRF-IRFN150 Datasheet
217Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.060ohm, Id=34A)
JANTX2N6762 IRF-JANTX2N6762 Datasheet
234Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=1.5ohm, Id=4.5A)
JANTX2N6790 IRF-JANTX2N6790 Datasheet
236Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.80ohm, Id=3.5A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com