Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFP048N Datasheet(PDF) 4 Page - International Rectifier

Part # IRFP048N
Description  Power MOSFET(Vdss=55V, Rds(on)=0.016ohm, Id=64A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP048N Datasheet(HTML) 4 Page - International Rectifier

  IRFP048N Datasheet HTML 1Page - International Rectifier IRFP048N Datasheet HTML 2Page - International Rectifier IRFP048N Datasheet HTML 3Page - International Rectifier IRFP048N Datasheet HTML 4Page - International Rectifier IRFP048N Datasheet HTML 5Page - International Rectifier IRFP048N Datasheet HTML 6Page - International Rectifier IRFP048N Datasheet HTML 7Page - International Rectifier IRFP048N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRFP048N
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
1000
2000
3000
4000
1
10
100
DS
V
, Drai n-to -So urce V oltag e (V)
A
V
= 0 V,
f = 1M H z
C
= C
+ C
, C
SH O RTE D
C
= C
C
= C
+ C
GS
is s
gs
gd
ds
rs s
gd
o ss
ds
g d
C is s
C os s
C rs s
0
4
8
12
16
20
0
20
40
60
80
100
Q
, To tal Ga te Ch arg e (nC )
G
A
FO R TES T CIRCUI T
SEE FIG U R E 13
I
= 3 2A
V
= 4 4V
V
= 2 8V
D
DS
DS
0.1
1
10
100
1000
0.2
0.6
1.0
1.4
1.8
2.2
2.6
T = 2 5°C
J
V
= 0 V
GS
V
, S o urce-to-Drain Vo ltage (V )
SD
A
T = 175°C
J
1
10
100
1000
1
10
100
V
, D rain-to-S ou rce Vo ltage (V)
DS
O PER ATIO N IN T HIS AR EA LI MITE D
BY R DS (on)
10µ s
1 00µs
1ms
10m s
A
T
= 25 °C
T
= 17 5°C
S in gle Pu ls e
C
J


Similar Part No. - IRFP048N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFP048N ISC-IRFP048N Datasheet
334Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFP048NPBF IRF-IRFP048NPBF Datasheet
1Mb / 9P
   HEXFET Power MOSFET
IRFP048NPBF IRF-IRFP048NPBF Datasheet
1Mb / 9P
   ADVANCED PROCESS TECHNOLOGY
IRFP048NPBF IRF-IRFP048NPBF_15 Datasheet
1Mb / 9P
   ADVANCED PROCESS TECHNOLOGY
More results

Similar Description - IRFP048N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI3205 IRF-IRFI3205 Datasheet
107Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A)
IRFR2405 IRF-IRFR2405 Datasheet
129Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=0.016ohm, Id=56A??
IRFIZ48N IRF-IRFIZ48N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.016ohm, Id=36A)
IRF5NJZ48 IRF-IRF5NJZ48 Datasheet
116Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.016ohm, Id=22A*)
IRL3103S IRF-IRL3103S Datasheet
125Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
   Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
   Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFP054N IRF-IRFP054N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A??
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com