Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAL45TB1R8K Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # CAL45TB1R8K
Description  Axial Leaded Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

CAL45TB1R8K Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  CAL45TB1R8K Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
INDUCTORS
Axial Leaded Inductors
CAL45TB1R8K
Features
Item Summary
1.8μH(±10%), Leaded
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping 2000pcs
Products characteristics table
External Dimensions (mm) LxD
8(max)×4.4(max)mm
Inductance
1.8μH(±10%)
Inductance Measuring Frequency
7.96MHz
Rated Current
4100mA
DC Resistance (max)
0.048Ω
Temperature Range
-25 to +105 ℃
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Wave
External Dimensions
L
8mm max
D
4.4mm max
2015.04.29
1 / 1


Similar Part No. - CAL45TB1R8K

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
CAL45TB1R0K TAIYO-YUDEN-CAL45TB1R0K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB1R2K TAIYO-YUDEN-CAL45TB1R2K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB1R5K TAIYO-YUDEN-CAL45TB1R5K Datasheet
138Kb / 1P
   Axial Leaded Inductors
More results

Similar Description - CAL45TB1R8K

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
CAL45TB6R8K TAIYO-YUDEN-CAL45TB6R8K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB102K TAIYO-YUDEN-CAL45TB102K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB150K TAIYO-YUDEN-CAL45TB150K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB270K TAIYO-YUDEN-CAL45TB270K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB822K TAIYO-YUDEN-CAL45TB822K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB1R2K TAIYO-YUDEN-CAL45VB1R2K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB2R2K TAIYO-YUDEN-CAL45VB2R2K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB2R7K TAIYO-YUDEN-CAL45VB2R7K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB4R7K TAIYO-YUDEN-CAL45VB4R7K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB8R2K TAIYO-YUDEN-CAL45VB8R2K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB150K TAIYO-YUDEN-CAL45VB150K Datasheet
138Kb / 1P
   Axial Leaded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com