Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFP27N60K Datasheet(PDF) 2 Page - International Rectifier

Part # IRFP27N60K
Description  Power MOSFET(Vdss=600V, Rds(on)typ.=180mohm, Id=27A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP27N60K Datasheet(HTML) 2 Page - International Rectifier

  IRFP27N60K Datasheet HTML 1Page - International Rectifier IRFP27N60K Datasheet HTML 2Page - International Rectifier IRFP27N60K Datasheet HTML 3Page - International Rectifier IRFP27N60K Datasheet HTML 4Page - International Rectifier IRFP27N60K Datasheet HTML 5Page - International Rectifier IRFP27N60K Datasheet HTML 6Page - International Rectifier IRFP27N60K Datasheet HTML 7Page - International Rectifier IRFP27N60K Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRFP27N60K
2
www.irf.com
Symbol
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.5
V
TJ = 25°C, IS = 27A, VGS = 0V
„
trr
Reverse Recovery Time
–––
620
920
ns
TJ = 25°C, IF = 27A
Qrr
Reverse RecoveryCharge
–––
11
16
µC
di/dt = 100A/µs
„
IRRM
Reverse RecoveryCurrent
–––
36
53
A
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Symbol
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
14
–––
–––
SVDS = 50V, ID = 16A
Qg
Total Gate Charge
–––
–––
180
ID = 27A
Qgs
Gate-to-Source Charge
–––
–––
56
nC
VDS = 480V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
86
VGS = 10V, See Fig. 6 and 13
„
td(on)
Turn-On Delay Time
–––
27
–––
VDD = 300V
tr
Rise Time
–––
110
–––
ID = 27A
td(off)
Turn-Off Delay Time
–––
43
–––
RG = 4.3Ω
tf
Fall Time
–––
38
–––
VGS = 10V,See Fig. 10
„
Ciss
Input Capacitance
–––
4660 –––
VGS = 0V
Coss
Output Capacitance
–––
460
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
41
–––
pF
ƒ = 1.0MHz, See Fig. 5
Coss
Output Capacitance
–––
5490 –––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
120
–––
VGS = 0V, VDS = 480V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
–––
250
–––
VGS = 0V, VDS = 0V to 480V
…
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
S
D
G
Diode Characteristics
27
110
A
Symbol
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
600
–––
–––
VVGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.64
–––
V/°C
Reference to 25°C, ID = 1mA
†
RDS(on)
Static Drain-to-Source On-Resistance
–––
180
220
m
VGS = 10V, ID = 16A
„
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
VDS = VGS, ID = 250µA
–––
–––
50
µA
VDS = 600V, VGS = 0V
–––
–––
250
VDS = 480V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 30V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -30V
Static @ TJ = 25°C (unless otherwise specified)
IGSS
IDSS
Drain-to-Source Leakage Current
 Repetitive rating; pulse width limited by
max. junction temperature. (See Fig. 11)
ƒ I
SD ≤ 27A, di/dt ≤ 390A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C.
Notes:
‚ Starting T
J = 25°C, L = 1.4mH, RG = 25Ω,
IAS = 27A, dv/dt = 13V/ns. (See Figure 12a)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.


Similar Part No. - IRFP27N60K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFP27N60K VISHAY-IRFP27N60K Datasheet
156Kb / 8P
   Power MOSFET
S-Pending-Rev. B, 12-Jun-08
IRFP27N60K VISHAY-IRFP27N60K Datasheet
191Kb / 9P
   Power MOSFET
Rev. C, 21-Mar-11
logo
Inchange Semiconductor ...
IRFP27N60K ISC-IRFP27N60K Datasheet
445Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP27N60K VISHAY-IRFP27N60K Datasheet
214Kb / 11P
   Power MOSFET
09-Jul-2021
IRFP27N60K VISHAY-IRFP27N60K Datasheet
211Kb / 11P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRFP27N60K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3315 IRF-IRF3315 Datasheet
124Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)=0.07ohm, Id=27A)
IRFRU4105 IRF-IRFRU4105 Datasheet
144Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=27A??
IRFB18N50K IRF-IRFB18N50K Datasheet
83Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.26ohm, Id=27A)
IRFP32N50K IRF-IRFP32N50K Datasheet
94Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.135ohm, Id=32A)
IRFP17N50L IRF-IRFP17N50L Datasheet
91Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFPS43N50K IRF-IRFPS43N50K Datasheet
99Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.078ohm, Id=47A)
IRFPS40N50L IRF-IRFPS40N50L Datasheet
111Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.087ohm, Id=46A)
IRFP26N60LPBF IRF-IRFP26N60LPBF Datasheet
206Kb / 9P
   HEXFET Power MOSFET ( VDSS = 600V , RDS(on)typ. = 210m廓 , Trr typ. = 170ns , ID = 26A )
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRFBC20 IRF-IRFBC20 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.2A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com