Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM20150D Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SM20150D
Description  20A Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM20150D Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM20150D_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM20150D_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SM20150D
Voltage 150 V
20A Schottky Barrier Rectifiers
03-Jan-2014 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
Epitaxial construction
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: Lead solderable per MIL-STD-202
method 208 guaranteed
Polarity: As Marked
Mounting position: Any
Weight: 1.6 grams
PACKAGE INFORMATION
Package
MPQ
Leader Size
TO-263
0.8K
13 inch
MAXIMUM RATINGS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
PARAMETER
SYMBOL
RATING
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
150
V
Maximum RMS Voltage
VRMS
150
V
Maximum DC Blocking Voltage
VDC
150
V
(per leg)
10
Maximum Average Forward Rectified
Current
(per device)
IF
20
A
Peak Forward Surge Current, 8.3 ms single half
sine-wave superimposed on rated load
IFSM
150
A
Maximum Instantaneous Forward Voltage @10A
VF
0.87
V
TA=25°C
0.05
Maximum Reverse Current at Rated
VRRM Per Diode
2
TA=100°C
IR
5
mA
Typical Junction Capacitance
1
CJ
350
pF
Voltage Rate Of Change
dv/dt
10000
V / μs
Typical Thermal Resistance
3
RθJC
6
°C / W
Operating & Storage Temperature
TJ ,TSTG
-55~150
°C
NOTES:
1.
Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.
Plus test: 300μS Pulse width, 1% duty cycle..
3.
FR4 Board Heat sink size: 10*10*0.2mm.
TO-263(D
2-PACK)



Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.00
4.85
c2
1.10
1.65
b
0.51
1.00
b2
1.34 REF
L4
0.00
0.30
D
8.0
9.65
C
0.30
0.74
e
2.54 REF
L3
1.50 REF
L
14.6
15.88
L1
1.78
2.79
L2
1.27 REF
E9.60
10.67


Similar Part No. - SM20150D_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM20150D SECOS-SM20150D Datasheet
124Kb / 2P
   20 AMP Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SM20150D_15

ManufacturerPart #DatasheetDescription
logo
MORE Semiconductor Comp...
MBR20100FCT MORESEMI-MBR20100FCT Datasheet
694Kb / 2P
   20A Schottky Barrier Rectifiers
MBR20150CT MORESEMI-MBR20150CT Datasheet
864Kb / 2P
   20A Schottky Barrier Rectifiers
MBR20150FCT MORESEMI-MBR20150FCT Datasheet
774Kb / 2P
   20A Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM20200D SECOS-SM20200D_15 Datasheet
205Kb / 2P
   20A Schottky Barrier Rectifiers
SM20200D SECOS-SM20200D Datasheet
308Kb / 2P
   20A Schottky Barrier Rectifiers
logo
Frontier Electronics.
MBR2040CT FRONTIER-MBR2040CT Datasheet
528Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIERS
logo
MORE Semiconductor Comp...
MBR2045FCT MORESEMI-MBR2045FCT Datasheet
710Kb / 2P
   20A Schottky Barrier Rectifiers
logo
Frontier Electronics.
F20S45-THRU-F20S50 FRONTIER-F20S45-THRU-F20S50 Datasheet
497Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIERS
logo
MORE Semiconductor Comp...
MBR20100CT MORESEMI-MBR20100CT Datasheet
770Kb / 2P
   20A Schottky Barrier Rectifiers
MBR20200CT MORESEMI-MBR20200CT Datasheet
894Kb / 2P
   20A Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com