Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTB20-700BW Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part # BTB20-700BW
Description  SNUBBERLESS TRIACS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

BTB20-700BW Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  BTB20-700BW Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. BTB20-700BW Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. BTB20-700BW Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. BTB20-700BW Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. BTB20-700BW Datasheet HTML 5Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Package
IT(RMS)
VDRM /VRRM
Sensitivity Specification
A
V
BW
CW
BTA
(Insulated)
20
600
X
X
700
X
X
BTB
(Uninsulated)
600
X
PRODUCT INFORMATION
BT
A
20
-
600
BW
Triac
Series
Insulation:
A: insulated
B: non insulated
Current: 20A
Voltage:
600: 600V
700: 700V
Sensitivity
ORDERING INFORMATION
BTA(B)20 BW/CW
2014-6-10
3
www.kersemi.com


Similar Part No. - BTB20-700BW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB20-700BW STMICROELECTRONICS-BTB20-700BW Datasheet
470Kb / 6P
   SNUBBERLESS TRIACS
More results

Similar Description - BTB20-700BW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA08BW STMICROELECTRONICS-BTA08BW Datasheet
185Kb / 4P
   SNUBBERLESS TRIACS
logo
Kersemi Electronic Co.,...
BTA20-700BW KERSEMI-BTA20-700BW Datasheet
1Mb / 5P
   SNUBBERLESS TRIACS
logo
STMicroelectronics
BTA08AW STMICROELECTRONICS-BTA08AW Datasheet
184Kb / 4P
   SNUBBERLESS TRIACS
BTA12AW STMICROELECTRONICS-BTA12AW Datasheet
196Kb / 4P
   SNUBBERLESS TRIACS
logo
Kersemi Electronic Co.,...
BTA20-800BW KERSEMI-BTA20-800BW Datasheet
1Mb / 5P
   SNUBBERLESS TRIACS
logo
STMicroelectronics
T2035-600M STMICROELECTRONICS-T2035-600M Datasheet
637Kb / 9P
   SNUBBERLESS TRIACS
T4016MKS STMICROELECTRONICS-T4016MKS Datasheet
314Kb / 5P
   SNUBBERLESS TRIACS
BTA20BW STMICROELECTRONICS-BTA20BW Datasheet
470Kb / 6P
   SNUBBERLESS TRIACS
logo
Kersemi Electronic Co.,...
BTB20-600BW KERSEMI-BTB20-600BW Datasheet
1Mb / 5P
   SNUBBERLESS TRIACS
BTA20-700CW KERSEMI-BTA20-700CW Datasheet
1Mb / 5P
   SNUBBERLESS TRIACS
logo
STMicroelectronics
T2514XKS STMICROELECTRONICS-T2514XKS Datasheet
322Kb / 5P
   SNUBBERLESS TRIACS
April 1995
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com