Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA16-600BW Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # BTA16-600BW
Description  16 A Snubberless, logic level and standard Triacs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

BTA16-600BW Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  BTA16-600BW Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. BTA16-600BW Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. BTA16-600BW Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. BTA16-600BW Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. BTA16-600BW Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. BTA16-600BW Datasheet HTML 6Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BTA16, BTB16
T1610, T1635
16 A Snubberless™, logic
level and standard Triacs
Features
Medium current Triac
Low thermal resistance with clip bonding
Low thermal resistance insulation ceramic for
insulated BTA
High commutation (4Q) or very high
commutation (3Q) capability
BTA series UL1557 certified (File ref: 81734)
RoHS ( 2002/95/EC) compliant
Insulated tab (BTA series, rated at 2500 VRMS)
Applications
Snubberless versions (BTA/BTB...W and
T1635) especially recommended for use on
inductive loads, because of their high
commutation performances
On/off or phase angle function in applications
such as static relays, light dimmers and
appliance motor speed controllers
Description
Available either in through-hole or surface-mount
packages, the BTA16, BTB16, T1610 and T1635
Triacs series are suitable for general purpose
mains power AC switching.
TM: Snubberless is a trademark of STMicroelectronics
A2
A1
G
D2PAK
T1610G
T1635G
TO-220AB
insulated
BTA16
TO-220AB
BTB16
Table 1.
Device summary
Symbol
Parameter
BTA16 (1)
1.
Insulated
BTB16
T1610
T1635
IT(RMS)
On-state rms current
16
16
16
16
VDRM/VRRM
Repetitive peak off-state voltage
600/800
600/800
600/800
600/800
IGT (Snubberless) Triggering gate current
35/50
35/50
-
35
IGT (logic level)
Triggering gate current
10
10
10
-
IGT (standard)
Triggering gate current
25/50
25/50
-
-
2014-6-9
1
www.kersemi.com


Similar Part No. - BTA16-600BW

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BTA16-600BW ISC-BTA16-600BW Datasheet
107Kb / 1P
   With TO-220AB insulated package
logo
STMicroelectronics
BTA16-600BW STMICROELECTRONICS-BTA16-600BW Datasheet
217Kb / 18P
   Snubberless™, logic level and standard 16 A Triacs
DS2114 - Rev 11 - May 2018
logo
HAOPIN MICROELECTRONICS...
BTA16-600BW HAOPIN-BTA16-600BW Datasheet
442Kb / 5P
   Three quadrant triacs
logo
ON Semiconductor
BTA16-600BW3G ONSEMI-BTA16-600BW3G Datasheet
115Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2008 ??Rev. 1
logo
STMicroelectronics
BTA16-600BWRG STMICROELECTRONICS-BTA16-600BWRG Datasheet
99Kb / 9P
   16A TRIACS
More results

Similar Description - BTA16-600BW

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
   16 A Snubberless?? logic level and standard Triacs
logo
Kersemi Electronic Co.,...
BTA16-800BW KERSEMI-BTA16-800BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTB16-700CW KERSEMI-BTB16-700CW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTB16-600BW KERSEMI-BTB16-600BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTB16-700C KERSEMI-BTB16-700C Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-800C KERSEMI-BTA16-800C Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-800SW KERSEMI-BTA16-800SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com