Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P561050 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # P561050
Description  DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 50-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P561050 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  P561050 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P561050 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Style
DVI
Model Type
DVI
Cable Types
DVI
INPUT
Cable Length (ft.)
50
Cable Length (m)
15.24
PHYSICAL
Color
Black
CONNECTIONS
Connector A
DVI-D SINGLE LINK (MALE)
Connector B
DVI-D SINGLE LINK (MALE)
Number of Connectors
2
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2


Similar Part No. - P561050

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P561003 TRIPPLITE-P561003 Datasheet
495Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 3-ft
P561006 TRIPPLITE-P561006 Datasheet
497Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 6-ft
P561010 TRIPPLITE-P561010 Datasheet
498Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 10-ft
P561015 TRIPPLITE-P561015 Datasheet
497Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 15-ft
P561075 TRIPPLITE-P561075 Datasheet
499Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 75-ft
More results

Similar Description - P561050

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P561-050 TRIPPLITE-P561-050 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 50-ft.
P560050 TRIPPLITE-P560050 Datasheet
501Kb / 2P
   DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 50-ft
P560-050 TRIPPLITE-P560-050 Datasheet
167Kb / 2P
   DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 50-ft.
P561-003 TRIPPLITE-P561-003 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 3-ft.
P561006 TRIPPLITE-P561006 Datasheet
497Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 6-ft
P561010 TRIPPLITE-P561010 Datasheet
498Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 10-ft
P561-010 TRIPPLITE-P561-010 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 10-ft.
P561-025 TRIPPLITE-P561-025 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 25-ft.
P561-006 TRIPPLITE-P561-006 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 6-ft.
P561003 TRIPPLITE-P561003 Datasheet
495Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 3-ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com