Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMG2302 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMG2302
Description  N-Channel Enhancement Mode Power Mos.FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMG2302 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMG2302_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMG2302_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMG2302_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMG2302_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SMG2302
3.2A, 20V,RDS(ON) 85m
N-Channel Enhancement Mode Power Mos.FET
Electrical Characteristics( Tj=25 C Unless otherwise specified)
Total Gate Charge
RDS(ON)
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Parameter
Symbol
Max.
Typ.
Test Condition
Min.
Unit
Drain-Source Breakdown Voltage
Breakdown Voltage Temp. Coefficient
Gate Threshold Voltage
Gate-Source Leakage Current
Drain-Source Leakage Current (Tj=25 )
Static Drain-Source On-Resistance
Drain-Source Leakage Current (Tj=70 )
Gate-Source Charge
Gate-Drain ("Miller") Charge
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
BVDSS
BVDS/ Tj
VGS(th)
IGSS
IDSS
Crss
Qg
Qgs
Qgd
Td(ON)
Td(Off)
Tr
Ciss
Coss
Tf
20
0.1
0.5
1.2
100
1
10
85
115
4.4
0.6
1.9
5.2
37
15
5.7
145
100
50
±
V
V/
V
nA
uA
uA
m
nC
nS
pF
Ω
VGS=0V
VDS=10V
f=1.0MHz
VDD=10V
ID=3.6A
VGS=5V
RG=6
RD=2.8
Ω
Ω
ID=3.6A
VDS=10V
VGS=4.5V
VGS=4.5V, ID=3.6A
VGS=2.5V, ID=3.1A
VGS=0V, ID=250uA
VGS= 12V
±
VDS=20V,VGS=0
VDS=20V,VGS=0
VDS=VGS, ID=250uA
Reference to 25 ,ID=1mA
_
_
_
Source-Drain Diode
_
_
_
_
_
_
_
Parameter
Symbol
Max.
Typ.
Test Condition
Min.
Unit
Forward On Voltage
Continuous Source Current (Body Diode)
VSD
Is
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
IS=1.6A, VGS=0V.
VD=VG
G
=0V, VS=1.2V
V
A
1.2
1
Notes: 1.Pulse width limited by Max. junction temperature.
2.Pulse width 300us, dutycycle 2%.
2
3.Surface mounted on 1 inch2 copper pad of FR4 board; 270
when mounted on min. copper pad.
°
C/W
Forward Transconductance
Gfs
S
6
VDS=5V, ID=3.6A
_
_
_
_
_
_
Pulsed Source Current (Body Diode)
ISM
10
A
_
C
o
o
C
o
C
o
C
o
2
2
2
Ω
01-Jun-2002 Rev. A
Page
2 of 4


Similar Part No. - SMG2302_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2302-C SECOS-SMG2302-C Datasheet
297Kb / 4P
   N-Channel Enhancement Mode MOSFET
logo
WILLAS ELECTRONIC CORP
SMG2302B WILLAS-SMG2302B Datasheet
659Kb / 6P
   20V N-Channel Enhancement-Mode MOSFET
logo
SeCoS Halbleitertechnol...
SMG2302N SECOS-SMG2302N Datasheet
717Kb / 4P
   N-Channel Enhancement Mode MOSFET
SMG2302N SECOS-SMG2302N_15 Datasheet
717Kb / 4P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - SMG2302_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SID3055 SECOS-SID3055_15 Datasheet
1Mb / 6P
   N-Channel Enhancement Mode Power Mos.FET
SST2604 SECOS-SST2604_15 Datasheet
857Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSD40N03 SECOS-SSD40N03 Datasheet
1Mb / 5P
   N-Channel Enhancement Mode Power Mos.FET
SSE9973 SECOS-SSE9973 Datasheet
852Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSG4424 SECOS-SSG4424 Datasheet
378Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSG9973 SECOS-SSG9973 Datasheet
342Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSM2310 SECOS-SSM2310 Datasheet
896Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSM9973 SECOS-SSM9973 Datasheet
478Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
STT8205S SECOS-STT8205S Datasheet
698Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SMG138K SECOS-SMG138K Datasheet
307Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SMG2300 SECOS-SMG2300 Datasheet
472Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com